Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration APW7290 Datasheet HTML 13Page - Anpec Electronics Coropration APW7290 Datasheet HTML 14Page - Anpec Electronics Coropration APW7290 Datasheet HTML 15Page - Anpec Electronics Coropration APW7290 Datasheet HTML 16Page - Anpec Electronics Coropration APW7290 Datasheet HTML 17Page - Anpec Electronics Coropration APW7290 Datasheet HTML 18Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
14
APW7290
Package Information
TDFN2x2-8
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.18
0.30
1.00
1.60
0.05
0.60
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TDFN2x2-8
0.30
0.45
1.00
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.007
0.012
0.039
0.063
0.024
0.012
0.018
0.70
0.039
0.028
0.002
0.50 BSC
0.020 BSC
1.90
2.10
0.075
0.083
1.90
2.10
0.075
0.083
Note : 1. Followed from JEDEC MO-229 WCCD-3.
e
Pin 1 Cornar
D2
D
A
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com