Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7290 Datasheet HTML 1Page - Anpec Electronics Coropration APW7290 Datasheet HTML 2Page - Anpec Electronics Coropration APW7290 Datasheet HTML 3Page - Anpec Electronics Coropration APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
3
APW7290
Symbol
Parameter
Range
Unit
VIN
Input Bias Supply Voltage (VIN to GND)
3.5 ~ 7.2
V
VOUT
Converter Output Voltage
Adj : 0.6 ~ 6
Fixed : 1.8
V
IOUT
Converter Output Current
0 ~ 1
A
L1
Converter Output Inductor
1.0 ~ 10
µH
CIN
Converter Input Capacitor
4.7 ~
µF
COUT
Converter Output Capacitor
4.7 ~
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit
Electrical Characteristics
APW7290
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE AND CURRENT
VIN
Input Voltage Range
3.5
-
7.2
V
IDD
Quiescent Current
VFB = 0.66V
-
25
40
µA
ISD
Shutdown Input Current
RUN = GND
-
-
0.5
µA
POWER-ON-RESET (POR) and LOCKOUT VOLTAGE THRESHOLDS
UVLO Threshold
3.0
3.2
3.4
V
UVLO Hysteresis
-
200
-
mV
REFERENCE VOLTAGE
VREF
Regulated Voltage
VIN=3.5V~7.2V, TA = -40~85
oC,
0.588
0.6
0.612
V
Output Voltage Accuracy
0A < IOUT < 1A
-2.5
-
+2.5
%
IFB
FB Input Current
-50
-
50
nA
VOUT
Output Voltage
FB=GND, No Load
1.764
1.8
1.836
V
INTERNAL POWER MOSFETS
FSW
Switching Frequency
VFB = 0.6V
1.2
1.5
1.8
MHz
Fold Back Frequency
VFB = 0.1V
-
210
-
KHz
Fold Back Voltage on FB
VFB Falling
-
0.2
-
V
Fold Back
Hysteresis
VFB Rising
-
120
-
mV
RP-FET
High Side P-FET Switch ON
Resistance
ISW=200mA
-
0.28
-
Ω
RN-FET
Low Side N-FET Switch ON
Resistance
ISW=200mA
-
0.25
-
Ω
Minimum On-Time
-
-
100
ns
Maximum Duty Cycle
-
-
100
%
Unless otherwise specified, these specifications apply over V
IN=5V and TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com