Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
8
APW7290
Typical Application Circuit
VIN
GND
LBI
1
FB
5
APW7290
SW
3
V
IN
3.6 ~7.2V
VOUT
3.3V/1A
L1
2.2 µH
R2
10 k
2
R1
45k
C1
C2
10µF/6.3 V/X 5R
(MLCC)
R1
≤ 900KΩ is recommended
R2
≤ 200KΩ is recommended
ON
OFF
RUN
4
VOUT
100k
Low Battery
Output
LBO
10 k
10 k
6
7
8
10µF/6.3 V/X 5R
(MLCC)
Toy Application
E-Book Application
VIN
GND
LBI
1
FB
5
APW7290
SW
3
V IN
3.6~7.2V
V
OUT
1.8V /300 mA
L 1
2.2µH
2
C2
10µF/6.3V/X5R
(MLCC)
ON
OFF
RUN
4
VOUT
100 k
Low Battery Output
LBO
10k
10k
6
7
8
10µF/6.3 V/X 5R
(MLCC)
C1
Power Sequence: a. VIN Rise up -> RUN Rise up b. RUN Rise up -> VIN Rise up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com