Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 3Page - Anpec Electronics Coropration APW8811 Datasheet HTML 4Page - Anpec Electronics Coropration APW8811 Datasheet HTML 5Page - Anpec Electronics Coropration APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
7
Pin Description
PIN
NO.
NAME
FUNCTION
1
ILIM1
Current-Limit Adjustment. There is an internal 10
µA current source from LDO5 to ILIM1 and connected a
resistor from ILIM1 to GND to set the current-limit threshold. The PGND-PHASE1 current-limit threshold is
1/10
th the voltage set at ILIM1 over a 0.515 to 2V range. The logic current-limit threshold is default to 250mV
value if ILIM1 is 5V.
2
FB1
Output voltage feedback pin (PWM1). It can use a resistive divider from VOUT1 to GND to adjust the output
from 2V to 5.5V.
3
REF
2V Reference Output. Bypass to GND with a 0.1
µF (minimum) capacitor. REF can supply external loads for
50
µA (maximum). REF load-regulation error will degrade feedback and output accuracy.
4
TON
Frequency Selection Input. Connect to LDO5 for 365kHz(PWM1)/460kHz(PWM2) operation and to LDO3
for 300kHz/375kHz operation. Connect to REF for 245kHz/305kHz operation and to GND for
200kHz/250kHz operation.
5
FB2
Output voltage feedback pin (PWM2). It can use a resistive divider from VOUT2 to GND to adjust the output
from 2V to 5.5V.
6
ILIM2
Current-Limit Adjustment. There is an internal 10
µA current source from LDO5 to ILIM2 and connected a
resistor from ILIM2 to GND to set the current-limit threshold. The PGND-PHASE2 current-limit threshold is
1/10
th the voltage set at ILIM2 over a 0.515 to 2V range. The logic current-limit threshold is default to 250mV
value if ILIM2 is 5V.
7
VOUT2
PWM2 Output Voltage-Sense Input. The VOUT2 pin makes a direct measurement of the PWM2 output
voltage. VOUT2 is an input to the constant-on-time PWM one-time one-shot circuit.
8
LDO3
3.3V Linear Regulator Output. LDO3 can provide a total of 100mA, 3.3V external loads. When LDO3 is at
3.3V and PWM2 output voltage is over 3.15V bypass threshold, the internal LDO will shut down, and LDO3
output pin connects to VOUT2 through a 1.5
Ω switch. Bypass to GND with a minimum of 2.2µF ceramic
capacitor for stability.
9
BOOT2
Supply Input for The UGATE2 Gate Driver and an internal level-shift circuit. Connect to an external capacitor
to create a boosted voltage suitable to drive a logic-level N-channel MOSFET.
10
UGATE2
Output of The High-Side MOSFET Driver for PWM2. Connect this pin to Gate of the high-side MOSFET.
11
PHASE2
Junction Point of The High-Side MOSFET Source, Output Filter Inductor and The Low-Side MOSFET Drain
for PWM2. Connect this pin to the Source of the high-side MOSFET. PHASE2 serves as the lower supply rail
for the UGATE2 high-side gate driver. PHASE2 is the current-sense input for the PWM2.
12
LGATE2
Output of The Low-Side MOSFET Driver for PWM2. Connect this pin to Gate of the low-side MOSFET.
Swings from PGND to LDO5.
13
EN LDO
Master Enable Input. The LDOx is enabled when EN LDO=1. When ENLDO=0, the LDO is shutdown. See
the table 2 “Power-Up Control Logics.”
14
SKIP#
PWM1 and 2 Controller Operation Mode Control. Connect SKIP# to GND for auto PWM/PFM mode, to REF
for forced-PWM mode and to LDO3 or LDO5 for ultra-sonic mode.
15
PGND
Power Ground of The LGATE Low-Side MOSFET Drivers. Connect the pin to the source of the low-side
MOSFETs.
16
VIN
Battery voltage input pin. VIN powers linear regulators and is also used for the constant-on-time PWM
on-time one-shot circuits. Connect VIN to the battery input and bypass with a 1
µF capacitor for noise
interference.
17
LDO5
5V Linear Regulator Output. LDO5 can provide a total of 100mA, 5V external loads. When LDO5 is at 5V
and PWM1 output voltage is over 4.7V bypass threshold, the internal LDO will shut down, and LDO5 output
pin connects to VOUT1 through a 1.5
Ω switch. Bypass to GND with a minimum of 2.2µF ceramic capacitor
for stability.
18
EN PWM
PWMx Enable Input. Both PWMx are enabled when EN PWM=1. When EN PWM=0, both PWMx are in
shutdown. See the table 2 “Power-Up Control Logics.”
19
LGATE1
Output of The Low-Side MOSFET Driver for PWM1. Connect this pin to Gate of the low-side MOSFET.
Swings from PGND to LDO5.
20
PHASE1
Junction Point of The High-Side MOSFET Source, Output Filter Inductor and The Low-Side MOSFET Drain
for PWM1. Connect this pin to the Source of the high-side MOSFET. PHASE1 serves as the lower supply rail
for the UGATE1 high-side gate driver. PHASE1 is the current-sense input for the PWM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com