Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8811 Datasheet HTML 1Page - Anpec Electronics Coropration APW8811 Datasheet HTML 2Page - Anpec Electronics Coropration APW8811 Datasheet HTML 3Page - Anpec Electronics Coropration APW8811 Datasheet HTML 4Page - Anpec Electronics Coropration APW8811 Datasheet HTML 5Page - Anpec Electronics Coropration APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Thermal Characteristics (Note 2)
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient
52
θ
JC
Thermal Resistance - Junction to Case
7
oC/W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θ
JA and θJC are measured with the component mounted on a high effective thermal conductivity test board in free air. The
thermal pad of package is soldered directly on the PCB.
Symbol
Parameter
Rating
Unit
VIN
Input Power Voltage (VIN to GND)
-0.3 ~ 28
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 35
V
VUG-PHASE
UGATE Voltage (UGATE to PHASE)
<400ns pulse width
>400ns pulse width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
VLG-GND
LGATE Voltage (LGATE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ VLDO5+0.3
-0.3 ~ VLDO5+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ 35
-0.3 ~ 28
V
All Other Pins (LDOx, FBx, VOUTx, LDO5, LDO3, REF, ILIMx, EN
LDO, EN PWM to GND)
-0.3 ~ 6
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
PWM1/2 Converter Input Voltage
6 ~ 25
V
VOUT1
PWM1 Converter Output Voltage
2 ~ 5.5
V
VOUT2
PWM2 Converter Output Voltage
2 ~ 5.5
V
CIN
PWM1/2 Converter Input Capacitor (MLCC)
10 ~
µF
CLDO
LDO Output Capacitor (MLCC)
2.2 ~
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com