Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 5Page - Anpec Electronics Coropration APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
9
Block Diagram
LDO UVLO
TON
SMPS2
PWM2
CONTROLLER
EN ENABLE
POWER ON SEQUENCE
CLEAR FAULT LATCH
THERMAL
SHUTDOWN
TON
Generator
OV2
UV2
70% V
FB2
125% V
FB2
POK2
FAULT
LATCH
LOGIC
OV1
UV1
70% V
FB1
125% V
FB1
PWM FREQUENCY
CONTROL
SOFT-
STOP
VOUT2
SOFT-
STOP
VOUT1
EN LDO or
EN PWM
PHASE1 PHASE2
SOFT-START
REF
ENABLE
LDO5
LDO5
LDO3
V
THBYP3
LDO5
V
THBYP5
ADAPTIVE
DEAD-TIME
DIODE
EMULATION
PWM/PFM
TRANSITION
ADAPTIVE
DEAD-TIME
DIODE
EMULATION
PWM/PFM
TRANSITION
SMPS1
PWM2
CONTROLLER
VOUT2
VOUT1
SKIP#
SKIP#
EN LDO or
EN PWM
90% V
FB2
POK1
90% V
FB1
CURRENT-LIMIT
CONTROLLER
BOOT2
UGATE2
PHASE2
LGATE2
LDO3
VOUT2
SKIP#
ILIM2
POK
FB2
ILIM1
EN PWM
REF
FB1
BOOT1
UGATE1
PHASE1
LGATE1
VIN
LDO5
VOUT1
EN LDO
PGND
GND
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com