Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8811 Datasheet HTML 1Page - Anpec Electronics Coropration APW8811 Datasheet HTML 2Page - Anpec Electronics Coropration APW8811 Datasheet HTML 3Page - Anpec Electronics Coropration APW8811 Datasheet HTML 4Page - Anpec Electronics Coropration APW8811 Datasheet HTML 5Page - Anpec Electronics Coropration APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW8811
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM CONTROLLERS (CONT.)
UGATEx Minimum On-Time
80
110
140
ns
Minimum Ultrasonic SKIP Operating
Frequency
25
37
-
kHz
LOW DROUPUT LINEAR REGULATORS (LDO5/LDO3)
LDO5 Output Voltage
VOUT1 = GND, 6V < VIN < 25V, 0<
ILDO < 100mA
4.8
5.0
5.2
V
LDO3 Output Voltage
VOUT2 = GND, 6V < VIN < 25V, 0<
ILDO3 < 100mA
3.2
3.33
3.46
V
VOUT1 Regulation Voltage Rising
4.55
4.7
4.85
VTHBYP5
LDO5 Bypass Threshold for
VOUT1-to-LDO5 Switch On
Hysteresis
0.15
0.25
0.3
V
VOUT2 Regulation Voltage Rising
3.05
3.15
3.25
VTHBYP3
LDO3 Bypass Threshold for
VOUT2-to-LDO3 Switch On
Hysteresis
0.1
0.2
0.25
V
VOUTx-to-LDOx Switch On Resistance
VOUTx to LDOx, 10mA
-
1.5
3
Ω
LDOx Current-Limit
VOUTx = GND, LDOx = GND
150
-
-
mA
LDOx Discharge On Resistance
-
40
65
Ω
REFFERENCE
REF Output Voltage
IREF = 0A
1.98
2.00
2.02
V
REF Load Regulation
ILOAD = 0 to 50
µA
-
10
-
mV
REF Sink Current
REF in Regulation
10
-
-
µA
PWM 1/2 PROTECTIONS
Over-Voltage Protection Threshold
VOUTX RIsing
120
125
130
%
Over-Voltage Fault Propagation Delay
Delta voltage = 10mV
-
1.5
-
µs
VILIM = 920mV, TA = 25
oC
9.4
10
10.6
µA
Current-Limit Current Source
On the basis of 25
oC
-
4500
2
ppm/
oC
ILIMx Adjustment Range
VILIMx-GND
0.515
-
2
V
Maximum setting voltage
VILIMx= 5V, Setting Current-Limit
Threshold
205
250
-
mV
Current-limit comparator offset
(VILIMx-GND-VPGND-PHASEx), VILIMx = 920mV
-8
0
8
mV
Zero-Crossing Threshold
SKIP# = REF or LDOx, VPGND-PHASE
-5
0
5
mV
Under-Voltage Protection Threshold
65
70
75
%
Under-Voltage Protection Hysteresis
-
3
-
%
Under-Voltage Protection Debounce
Interval
22
32
42
µs
Under-Voltage Protection Enable
Blanking Time
From EN signal go high to UVP
workable
-
2
2.6
ms
TJ Rising
-
160
-
Over-Temperature Protection THreshold
Hysteresis
-
25
-
oC
Refer to the typical application circuits. These specifications apply over V
IN=12V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com