Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration APW8811 Datasheet HTML 15Page - Anpec Electronics Coropration APW8811 Datasheet HTML 16Page - Anpec Electronics Coropration APW8811 Datasheet HTML 17Page - Anpec Electronics Coropration APW8811 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
14
Current-Limit (PWMs) (Cont.)
Function Description (Cont.)
an external resistor. The ILIMx pin adjustment range is
from 515mV to 2V. In the adjustable mode, the current-
limit threshold voltage is 1/10th the voltage at ILIM pin. As
shown in Figure 2, The ILIM pin can source 10
µA. The
voltage at ILIM pin is equal to 10
µA x R
ILIM. Connect ILIM to
REF for a fixed 200mV threshold. The logic current-limit
threshold is default to 250mV value if ILIM is 5V. The
relationship between the sampled voltage V
ILIM and the
current-limit threshold I
LIMIT is given by:
Where V
ILIM is the voltage at the ILIM pin. RDS(ON) is the low
side MOSFETs conducive resistance. I
LIMIT is the setting
current-limit threshold. I
LIMIT can be expressed as IOUT mi-
nus half of peak-to-peak inductor current.
The PCB layout guidelines should ensure that noise and
DC errors do not corrupt the current-sense signals at
PHASE. Place the hottest power MOSEFTs as close to
the IC as possible for best thermal coupling. When com-
bined with the under-voltage protection circuit, this cur-
rent-limit method is effective in almost every circumstance.
)
ON
(
DS
LIMIT
ILIM
R
I
V
10
1
×
=
×
Figure 2. Current-Limit Setting Block Diagram
VCC
10µA
TO CURRENT
LIMIT LOGIC
9R
R
ILIM
V
ILIM
R
ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com