Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration APW8811 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
11
Function Description
Constant-On-Time PWM Controller with Input Feed-For-
ward
The constant-on-time control architecture is a pseudo-
fixed frequency with input voltage feed-forward. This ar-
chitecture relies on the output filter capacitor’s effective
series resistance (ESR) to act as a current-sense resistor,
so the output ripple voltage provides the PWM ramp signal.
In PFM operation, the high-side switch on-time controlled
by the on-time generator is determined solely by a one-
shot whose pulse width is inversely proportional to input
voltage and directly proportional to output voltage. In PWM
operation, the high-side switch on-time is determined by
a switching frequency control circuit in the on-time gen-
erator block. The switching frequency control circuit
senses the switching frequency of the high-side switch
and keeps regulating it at a constant frequency in PWM
mode. The design improves the frequency variation and
is more outstanding than a conventional constant-on-
time controller, which has large switching frequency varia-
tion over input voltage, output current and temperature.
Both in PFM and PWM, the on-time generator, which
senses input voltage on VIN pin, provides very fast on-
time response to input line transients.
Another one-shot sets a minimum off-time (typ.: 300ns).
The on-time one-shot is triggered if the error comparator
is high, the low-side switch current is below the current-
limit threshold, and the minimum off-time one-shot has
timed out.
Forced-PWM Mode
Connect SKIP# to REF for normal Forced-PWM operation.
The Forced-PWM mode disables the zero-crossing
comparator, which truncates the low-side switch on-time
at the inductor current zero crossing. This causes the
low-side gate-drive waveform to become the complement
of the high-side gate-drive waveform. This in turn causes
the inductor current to reverse at light loads while UGATE
maintains a duty factor of V
OUT/VIN. The benefit of Forced-
PWM mode is to keep the switching frequency fairly
constant. The Forced-PWM mode is the most useful for
reducing audio frequency noise, improving load-transient
response, and providing sink-current capability for dy-
namic output voltage adjustment.
Pulse-Frequency Modulation (PFM) Mode
Connect SKIP# to GND for normal PFM operation. In PFM
mode, an automatic switchover to pulse-frequency modu-
lation (PFM) takes place at light loads. This switchover is
affected by a comparator that truncates the low-side
switch on-time at the inductor current zero crossing. This
mechanism causes the threshold between PFM and
PWM operation to coincide with the boundary between
continuous and discontinuous inductor-current operation
(also known as the critical conduction point). The on-
time of PFM is given by:
Ultrasonic Mode
Connecting SKIP# to LDO3 or LDO5 for ultrasonic mode.
The ultrasonic mode activates a unique PFM mode with
a minimum switching frequency of 37kHz. The minimum
frequency 37KHz of ultrasonic mode eliminates audio-
frequency interference in light load condition. It will transit
to unique PFM mode when output loading makes the
frequency bigger than ultrasonic frequency. In ultrasonic
mode, the controller automatically transits to fixed-fre-
quency PWM operation when the load reaches the same
critical conduction point (I
LOAD(PFM to PWM)).
When the controller detects that no switching has oc-
curred within about 27
µs (typ.), an ultrasonic pulse will
occurre. The ultrasonic controller turns on the low-side
MOSFET first to reduce the output voltage. After feedback
voltage drops below the internal reference voltage, the
IN
OUT
SW
PFM
-
ON
V
V
F
1
T
×
=
Where F
SW is the nominal switching frequency of the con-
verter in PWM mode. Similarly, the on-time of ultrasonic
mode is the same with PFM mode. The description of
ultrasonic mode will be illustrated later.
The load current at handoff from PFM to PWM mode is
given by:
PFM
ON
OUT
IN
PWM)
to
LOAD(PFM
T
L
V
V
2
1
I
−
×
−
×
=
IN
OUT
SW
OUT
IN
V
V
F
1
L
2
V
V
×
×
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com