Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration APW8811 Datasheet HTML 15Page - Anpec Electronics Coropration APW8811 Datasheet HTML 16Page - Anpec Electronics Coropration APW8811 Datasheet HTML 17Page - Anpec Electronics Coropration APW8811 Datasheet HTML 18Page - Anpec Electronics Coropration APW8811 Datasheet HTML 19Page - Anpec Electronics Coropration APW8811 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
16
Application Information
The output voltage of PWM1 can be adjusted from2V to
5.5V with a resistor-driver at FB1 between VOUT1 and
GND. Using 1% or better resistors for the resistive di-
vider is recommended. The FB1 pin is the inverter input
of the error amplifier, and the reference voltage is 2V.
Take the example, the output voltage of PWM1 is deter-
mined by:
Where F
SW is the switching frequency of the regulator.
Increasing the inductor value and frequency will re-
duce the ripple current and voltage. However, there is a
tradeoff between the inductor’s ripple current and the
regulator load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple
current. Increasing the switching frequency (F
SW) also
re duces the ripple current and voltage , b u t i t wi l l
increase the switching loss of the MOSFETs and the
p ower dissipation of the converter. The maximum
ripple current occurs at the maximum input voltage. A
good starting point is to choose the ripple current to be
Where R
TOP1 is the resistor connected from VOUTI to VFB1
and R
GND1 is the resistor connected from FB1 to GND.
Similarly, the output voltage of PWM2 can be also ad-
justed from 2V to 5.5V.
Output Inductor Selection
The duty cycle of a buck converter is the function of the
input voltage and output voltage. Once an output voltage
is fixed, it can be written as:
IN
OUT
V
V
D
=
IN
OUT
SW
OUT
IN
RIPPLE
V
V
L
F
V
-
V
I
×
×
=
Output Capacitor Selection
The inductor value determines the inductor ripple current
and affects the load transient reponse. Higher inductor
value reduces the inductor’s ripple current and induces
lower output ripple voltage. The ripple current and can be
approxminated by:
ESR
RIPPLE
ESR
SW
OUT
RIPPLE
OUT
C
R
I
V
F
8C
I
V
×
=
∆
=
∆
These two components constitute a large portion of the
total output voltage ripple. In some applications, multiple
capacitors have to be paralleled to achieve the desired
ESR value. If the output of the converter has to support
another load with high pulsating current, more capaci-
tors are needed in order to reduce the equivalent ESR
and suppress the voltage ripple to a tolerable level. A
small decoupling capacitor in parallel for bypassing
the noise is also recommended, and the voltage rating
of the output capacitors must also be considered.
To support a load transient that is faster than the
switching frequency, more capacitors have to be used
to reduce the voltage excursion during load step change.
Another aspect of the capacitor selection is that the
total AC current going through the capacitors has to be
less than the rated RMS current specified on the ca-
pacitors to prevent the capacitor from over-heating.


+
×
=
GND1
TOP1
OUTI
R
R
1
2
V
approximately 30% of the maximum output current.
Once the inductance value has been chosen, selecting
an inductor is capable of carrying the required peak cur-
rent without going into saturation. In some types of
inductors, especially core that is made of ferrite, the ripple
current will increase abruptly when it saturates. This will
result in a larger output ripple voltage.
Output Voltage Selection
Output voltage ripple and the transient voltage de-
viation are factors that have to be taken into consid-
eration when selecting an output capacitor. Higher
capacitor value and lower ESR reduce the output ripple
and the load transient drop. Therefore, selecting high
performance low ESR capacitors is intended for switch-
ing regulator applications. In addition to high frequency
noise related MOSFET turn-on and turn-off, the output
voltage ripple includes the capacitance voltage drop and
ESR voltage drop caused by the AC peak-to-peak current.
These two voltages can be represented by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com