Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8811 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8811 Datasheet HTML 1Page - Anpec Electronics Coropration APW8811 Datasheet HTML 2Page - Anpec Electronics Coropration APW8811 Datasheet HTML 3Page - Anpec Electronics Coropration APW8811 Datasheet HTML 4Page - Anpec Electronics Coropration APW8811 Datasheet HTML 5Page - Anpec Electronics Coropration APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
System Power PWM Controller for Notebook Computers
Features
• Wide Input Voltage Range from 6V to 25V
• Provide 4 Independent Outputs with ±1.5% Accu-
racy Over-Temperature
- PWM1 Controller with Adjustable (2V to 5.5V) Out-
put
- PWM2 Controller with Adjustable (2V to 5.5V) Out-
put
- 100mA Low Dropout Regulator (LDO5) with Fixed
5V Output
- 100mA Low Dropout Regulator (LDO3) with Fixed
3.3V Output
• ExcellentLine/LoadRegulationsabout±1.5%Over-
Temperature Range
• ±1%, (±1.5%, 50µA) 2.0V Reference Voltage Output
• Built-In POR Control Scheme Implemented
• Selectable Forced-PWM or Automatic PFM/PWM
(with Selectable Ultrasonic Operation)
• Constant-On-TimeControlSchemewithFrequency
Compensation for PWM Mode
• Selectable Switching Frequency in PWM Mode
• Built-inDigitalSoft-StartforPWMOutputsandSoft-
Stop for PWM Outputs and LDO Outputs
• Integrated Bootstrap Forward P-CH MOSFET
• High Efficiency over Light to Full Load Range
(PWMs)
• Built-in Power Good Indicators (PWMs)
• Independent Enable Inputs (PWMs, LDO)
• 70%Under-Voltage and 125%Over-Voltage Protec-
tions (PWM)
• Adjustable Current-Limit Protection (PWMs)
- Using Sense Low-Side MOSFET’s R
DS(ON)
• Over-Temperature Protection
• 4mmx4mm Thin QFN-24 (TQFN4x4-24A) package
• Lead Free and Green Device Available (RoHS
Compliant)
General Description
Simplified Application Circuit
The APW8811 integrates dual step-down, constant-on-
time, synchronous PWM controllers (that drives dual N-
channel MOSFETs for each channel) and two low drop-
out regulators as well as various protections into a chip.
The PWM controllers step down high voltage of a battery
to generate low-voltage for NB applications. The output of
PWM1 and PWM2 can be adjusted from 2V to 5.5V by
setting a resistive voltage-divider from VOUTx to GND.
The linear regulators provide 5V and 3.3V output for
standby power supply. The linear regulators provide up
to 100mA output current. When the PWMx output voltage
is higher than LDOx bypass threshold, the related LDOx
regulator is shut off and its output is connected to VOUTx
by internal switchover MOSFET. It can save power
dissipation.
The APW8811 provides excellent transient response and
accurate DC output voltage in either PFM or PWM Mode.
In Pulse-Frequency Mode (PFM), the APW8811 provides
very high efficiency over light to heavy loads with loading-
modulated switching frequencies. The Forced-PWM
mode works nearly at constant frequency for low-noise
requirements. The unique ultrasonic mode maintains the
switching frequency above 25KHz, which eliminates
noise in audio applications.
The APW8811 is equipped with accurate sourcing cur-
rent-limit, output under-voltage and output over-voltage
protections, being perfect for NB applications. A 1.7ms
V
OUT2
L2
Q3
PWM2
Q4
V
OUT1
V
IN
6V~28V
PWM1
L1
Q1
Q2
LDO5
LDO3
V
LDO3
V
LDO5
EN LDO
EN PWM
1


Similar Part No. - APW8811

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813A ANPEC-APW8813A Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813AQBI-TRG ANPEC-APW8813AQBI-TRG Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
April 20, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
System Power PWM Controller for Notebook Computers with Charge Pump
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com