Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 21 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 21 Page - TDK Electronics

Back Button C4532 Datasheet HTML 17Page - TDK Electronics C4532 Datasheet HTML 18Page - TDK Electronics C4532 Datasheet HTML 19Page - TDK Electronics C4532 Datasheet HTML 20Page - TDK Electronics C4532 Datasheet HTML 21Page - TDK Electronics C4532 Datasheet HTML 22Page - TDK Electronics C4532 Datasheet HTML 23Page - TDK Electronics C4532 Datasheet HTML 24Page - TDK Electronics C4532 Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 23
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1005C0G1H0R5B
C0G
50V
0.5
± 0.10pF
0.50 ± 0.05
C1005C0G1H0R5C
C0G
50V
0.5
± 0.25pF
0.50 ± 0.05
C1005C0G1HR75C
C0G
50V
0.75
± 0.25pF
0.50 ± 0.05
C1005C0G1H010B
C0G
50V
1.0
± 0.10pF
0.50 ± 0.05
C1005C0G1H010C
C0G
50V
1.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H1R2B
C0G
50V
1.2
± 0.10pF
0.50 ± 0.05
C1005C0G1H1R2C
C0G
50V
1.2
± 0.25pF
0.50 ± 0.05
C1005C0G1H1R5B
C0G
50V
1.5
± 0.10pF
0.50 ± 0.05
C1005C0G1H1R5C
C0G
50V
1.5
± 0.25pF
0.50 ± 0.05
C1005C0G1H1R8B
C0G
50V
1.8
± 0.10pF
0.50 ± 0.05
C1005C0G1H1R8C
C0G
50V
1.8
± 0.25pF
0.50 ± 0.05
C1005C0G1H020B
C0G
50V
2.0
± 0.10pF
0.50 ± 0.05
C1005C0G1H020C
C0G
50V
2.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H2R2B
C0G
50V
2.2
± 0.10pF
0.50 ± 0.05
C1005C0G1H2R2C
C0G
50V
2.2
± 0.25pF
0.50 ± 0.05
C1005C0G1H2R5C
C0G
50V
2.5
± 0.25pF
0.50 ± 0.05
C1005C0G1H2R7B
C0G
50V
2.7
± 0.10pF
0.50 ± 0.05
C1005C0G1H2R7C
C0G
50V
2.7
± 0.25pF
0.50 ± 0.05
C1005C0G1H030B
C0G
50V
3.0
± 0.10pF
0.50 ± 0.05
C1005C0G1H030C
C0G
50V
3.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H3R3B
C0G
50V
3.3
± 0.10pF
0.50 ± 0.05
C1005C0G1H3R3C
C0G
50V
3.3
± 0.25pF
0.50 ± 0.05
C1005C0G1H3R5C
C0G
50V
3.5
± 0.25pF
0.50 ± 0.05
C1005C0G1H3R9B
C0G
50V
3.9
± 0.10pF
0.50 ± 0.05
C1005C0G1H3R9C
C0G
50V
3.9
± 0.25pF
0.50 ± 0.05
C1005C0G1H040B
C0G
50V
4.0
± 0.10pF
0.50 ± 0.05
C1005C0G1H040C
C0G
50V
4.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H4R7B
C0G
50V
4.7
± 0.10pF
0.50 ± 0.05
C1005C0G1H4R7C
C0G
50V
4.7
± 0.25pF
0.50 ± 0.05
C1005C0G1H050B
C0G
50V
5.0
± 0.10pF
0.50 ± 0.05
C1005C0G1H050C
C0G
50V
5.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H5R6C
C0G
50V
5.6
± 0.25pF
0.50 ± 0.05
C1005C0G1H5R6D
C0G
50V
5.6
± 0.50pF
0.50 ± 0.05
C1005C0G1H060C
C0G
50V
6.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H060D
C0G
50V
6.0
± 0.50pF
0.50 ± 0.05
C1005C0G1H6R8C
C0G
50V
6.8
± 0.25pF
0.50 ± 0.05
C1005C0G1H6R8D
C0G
50V
6.8
± 0.50pF
0.50 ± 0.05
C1005C0G1H070C
C0G
50V
7.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H070D
C0G
50V
7.0
± 0.50pF
0.50 ± 0.05
C1005C0G1H080C
C0G
50V
8.0
± 0.25pF
0.50 ± 0.05
C1005C0G1H080D
C0G
50V
8.0
± 0.50pF
0.50 ± 0.05
C1005C0G1H8R2C
C0G
50V
8.2
± 0.25pF
0.50 ± 0.05
C1005C0G1H8R2D
C0G
50V
8.2
± 0.50pF
0.50 ± 0.05
C1005C0G1H090C
C0G
50V
9.0
± 0.25pF
0.50 ± 0.05
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C1005 [EIA CC0402]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com