Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 29 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 29 Page - TDK Electronics

Back Button C4532 Datasheet HTML 25Page - TDK Electronics C4532 Datasheet HTML 26Page - TDK Electronics C4532 Datasheet HTML 27Page - TDK Electronics C4532 Datasheet HTML 28Page - TDK Electronics C4532 Datasheet HTML 29Page - TDK Electronics C4532 Datasheet HTML 30Page - TDK Electronics C4532 Datasheet HTML 31Page - TDK Electronics C4532 Datasheet HTML 32Page - TDK Electronics C4532 Datasheet HTML 33Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 31
Capacitance
Range Chart
C1608 [EIA CC0603]
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%), X5R (± 15%), Y5V (+22/-82%)
Rated Voltage: 50V (1H), 35V (1V), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J), 4V (0G)
Capacitance
(pF)
Cap
Code
Tolerance
X5R
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
100,000 104
K: ± 10%
M: ± 20%
150,000 154
220,000 224
330,000 334
470,000 474
680,000 684
1,000,000 105
1,500,000 155
2,200,000 225
3,300,000 335
4,700,000 475
6,800,000 685
10,000,000
106
0.80 mm
Standard Thickness
Capacitance
(pF)
Cap
Code
Tolerance
X7R
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
100 101
K: ± 10%
M: ± 20%
220 221
330 331
470 471
680 681
1,000 102
1,500 152
2,200 222
3,300 332
4,700 472
6,800 682
10,000 103
15,000 153
22,000 223
33,000 333
47,000 473
68,000 683
100,000 104
150,000 154
220,000 224
330,000 334
470,000 474
680,000 684
1,000,000 105
2,200,000 225
Capacitance
(pF)
Cap
Code
Tolerance
Y5V
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
100,000 104
Z: +80/-20%
220,000 224
470,000 474
1,000,000 105
2,200,000 225
4,700,000 475
10,000,000
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com