Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 68 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 68 Page - TDK Electronics

Back Button C4532 Datasheet HTML 64Page - TDK Electronics C4532 Datasheet HTML 65Page - TDK Electronics C4532 Datasheet HTML 66Page - TDK Electronics C4532 Datasheet HTML 67Page - TDK Electronics C4532 Datasheet HTML 68Page - TDK Electronics C4532 Datasheet HTML 69Page - TDK Electronics C4532 Datasheet HTML 70Page - TDK Electronics C4532 Datasheet HTML 71Page - TDK Electronics C4532 Datasheet HTML 72Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 70
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
17
Life
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) before testing.
Apply voltage at 125±2ºC for 1,000 +48, 0h.
Applied voltage is 1xRV. Some items may be tested at
higher voltage (1.2x, 1.5x or 2xRV).
Charge/discharge current shall not exceed 50mA.
Leave the capacitors in ambient condition for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
Voltage conditioning (only for class 2) Voltage treat the
capacitor under testing temperature and voltage for 1
hour.
Leave the capacitor in ambient conditions for 24±2h
before measurement.
Use this measurement for initial value.
External
appearance
No mechanical damage.
Capacitance
* Inside ( ) is applied to Y5V 6.3V
product.
Q
(Class 1)
C : Rated capacitance (pF)
D.F.
(Class 2)
Characteristics
X5R: 200% of initial spec. max.
X7R: 200% of initial spec. max
Y5V: 150% of initial spec. max
Insulation
Resistance
1,000MΩ or 50MΩ•μF min. , whichever
smaller.
(As for the capacitors of rated voltage
16, 10 and 6.3V DC, 1,000 MΩ or
10MΩ•μF min.,)
*As for the initial measurement of capacitors (Class2) on number 8,12,13,14 and 15, leave capacitor at 150 –10, 0°C for 1
hour and measure the value after leaving capacitor for 24±2h in ambient conditions.
Characteristics
Change from the
value before test
Class 1
C0G
±
3% or ±0.3pF,
whichever larger.
Class 2
X5R
X7R
Y5V
±
25 %
±
25 %
±
30 % *(± 40 %)
Rated
Capacitance
Q
C ≥ 30pF
350 min.
10pF ≤ C < 30pF
275+5/2×C min.
C < 10pF
200+10×C min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com