Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 5 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 5 Page - TDK Electronics

  C4532 Datasheet HTML 1Page - TDK Electronics C4532 Datasheet HTML 2Page - TDK Electronics C4532 Datasheet HTML 3Page - TDK Electronics C4532 Datasheet HTML 4Page - TDK Electronics C4532 Datasheet HTML 5Page - TDK Electronics C4532 Datasheet HTML 6Page - TDK Electronics C4532 Datasheet HTML 7Page - TDK Electronics C4532 Datasheet HTML 8Page - TDK Electronics C4532 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 7
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402C0G1C0R2W
C0G
16V
0.2
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R2B
C0G
16V
0.2
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R3W
C0G
16V
0.3
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R3B
C0G
16V
0.3
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R4W
C0G
16V
0.4
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R4B
C0G
16V
0.4
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R5W
C0G
16V
0.5
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R5C
C0G
16V
0.5
± 0.25pF
0.20 ± 0.02
C0402C0G1C0R5B
C0G
16V
0.5
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R6W
C0G
16V
0.6
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R6B
C0G
16V
0.6
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R7W
C0G
16V
0.7
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R7B
C0G
16V
0.7
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R8W
C0G
16V
0.8
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R8B
C0G
16V
0.8
± 0.10pF
0.20 ± 0.02
C0402C0G1C0R9W
C0G
16V
0.9
± 0.05pF
0.20 ± 0.02
C0402C0G1C0R9B
C0G
16V
0.9
± 0.10pF
0.20 ± 0.02
C0402C0G1C010B
C0G
16V
1.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C010C
C0G
16V
1.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R1B
C0G
16V
1.1
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R1C
C0G
16V
1.1
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R2B
C0G
16V
1.2
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R2C
C0G
16V
1.2
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R3B
C0G
16V
1.3
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R3C
C0G
16V
1.3
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R5B
C0G
16V
1.5
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R5C
C0G
16V
1.5
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R6B
C0G
16V
1.6
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R6C
C0G
16V
1.6
± 0.25pF
0.20 ± 0.02
C0402C0G1C1R8B
C0G
16V
1.8
± 0.10pF
0.20 ± 0.02
C0402C0G1C1R8C
C0G
16V
1.8
± 0.25pF
0.20 ± 0.02
C0402C0G1C020B
C0G
16V
2.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C020C
C0G
16V
2.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C2R2B
C0G
16V
2.2
± 0.10pF
0.20 ± 0.02
C0402C0G1C2R2C
C0G
16V
2.2
± 0.25pF
0.20 ± 0.02
C0402C0G1C2R4B
C0G
16V
2.4
± 0.10pF
0.20 ± 0.02
C0402C0G1C2R4C
C0G
16V
2.4
± 0.25pF
0.20 ± 0.02
C0402C0G1C2R7B
C0G
16V
2.7
± 0.10pF
0.20 ± 0.02
C0402C0G1C2R7C
C0G
16V
2.7
± 0.25pF
0.20 ± 0.02
C0402C0G1C030B
C0G
16V
3.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C030C
C0G
16V
3.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C3R3B
C0G
16V
3.3
± 0.10pF
0.20 ± 0.02
C0402C0G1C3R3C
C0G
16V
3.3
± 0.25pF
0.20 ± 0.02
C0402C0G1C3R6B
C0G
16V
3.6
± 0.10pF
0.20 ± 0.02
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0402 [EIA CC01005]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com