Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 12 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 12 Page - TDK Electronics

Back Button C4532 Datasheet HTML 8Page - TDK Electronics C4532 Datasheet HTML 9Page - TDK Electronics C4532 Datasheet HTML 10Page - TDK Electronics C4532 Datasheet HTML 11Page - TDK Electronics C4532 Datasheet HTML 12Page - TDK Electronics C4532 Datasheet HTML 13Page - TDK Electronics C4532 Datasheet HTML 14Page - TDK Electronics C4532 Datasheet HTML 15Page - TDK Electronics C4532 Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 14
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603C0G1H200J
C0G
50V
20
± 5%
0.30 ± 0.03
C0603C0G1H220J
C0G
50V
22
± 5%
0.30 ± 0.03
C0603C0G1H240J
C0G
50V
24
± 5%
0.30 ± 0.03
C0603C0G1H270J
C0G
50V
27
± 5%
0.30 ± 0.03
C0603C0G1H300J
C0G
50V
30
± 5%
0.30 ± 0.03
C0603C0G1H330J
C0G
50V
33
± 5%
0.30 ± 0.03
C0603C0G1H360J
C0G
50V
36
± 5%
0.30 ± 0.03
C0603C0G1H390J
C0G
50V
39
± 5%
0.30 ± 0.03
C0603C0G1H430J
C0G
50V
43
± 5%
0.30 ± 0.03
C0603C0G1H470J
C0G
50V
47
± 5%
0.30 ± 0.03
C0603C0G1H510J
C0G
50V
51
± 5%
0.30 ± 0.03
C0603C0G1H560J
C0G
50V
56
± 5%
0.30 ± 0.03
C0603C0G1H620J
C0G
50V
62
± 5%
0.30 ± 0.03
C0603C0G1H680J
C0G
50V
68
± 5%
0.30 ± 0.03
C0603C0G1H750J
C0G
50V
75
± 5%
0.30 ± 0.03
C0603C0G1H820J
C0G
50V
82
± 5%
0.30 ± 0.03
C0603C0G1H910J
C0G
50V
91
± 5%
0.30 ± 0.03
C0603C0G1H101J
C0G
50V
100
± 5%
0.30 ± 0.03
C0603C0G1E0R2W
C0G
25V
0.2
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R2B
C0G
25V
0.2
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R3W
C0G
25V
0.3
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R3B
C0G
25V
0.3
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R4W
C0G
25V
0.4
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R4B
C0G
25V
0.4
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R5W
C0G
25V
0.5
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R5C
C0G
25V
0.5
± 0.25pF
0.30 ± 0.03
C0603C0G1E0R5B
C0G
25V
0.5
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R6W
C0G
25V
0.6
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R6B
C0G
25V
0.6
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R7W
C0G
25V
0.7
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R7B
C0G
25V
0.7
± 0.10pF
0.30 ± 0.03
C0603C0G1ER75B
C0G
25V
0.75
± 0.10pF
0.30 ± 0.03
C0603C0G1ER75C
C0G
25V
0.75
± 0.25pF
0.30 ± 0.03
C0603C0G1E0R8W
C0G
25V
0.8
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R8B
C0G
25V
0.8
± 0.10pF
0.30 ± 0.03
C0603C0G1E0R9W
C0G
25V
0.9
± 0.05pF
0.30 ± 0.03
C0603C0G1E0R9B
C0G
25V
0.9
± 0.10pF
0.30 ± 0.03
C0603C0G1E010B
C0G
25V
1.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E010C
C0G
25V
1.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R1B
C0G
25V
1.1
± 0.10pF
0.30 ± 0.03
C0603C0G1E1R1C
C0G
25V
1.1
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R2B
C0G
25V
1.2
± 0.10pF
0.30 ± 0.03
C0603C0G1E1R2C
C0G
25V
1.2
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R3B
C0G
25V
1.3
± 0.10pF
0.30 ± 0.03
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0603 [EIA CC0201]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com