Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 8 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 8 Page - TDK Electronics

Back Button C4532 Datasheet HTML 4Page - TDK Electronics C4532 Datasheet HTML 5Page - TDK Electronics C4532 Datasheet HTML 6Page - TDK Electronics C4532 Datasheet HTML 7Page - TDK Electronics C4532 Datasheet HTML 8Page - TDK Electronics C4532 Datasheet HTML 9Page - TDK Electronics C4532 Datasheet HTML 10Page - TDK Electronics C4532 Datasheet HTML 11Page - TDK Electronics C4532 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 10
Capacitance
Range Table
C0402 [EIA CC01005]
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402C0G1C820G
C0G
16V
82
± 2%
0.20 ± 0.02
C0402C0G1C820J
C0G
16V
82
± 5%
0.20 ± 0.02
C0402C0G1C910G
C0G
16V
91
± 2%
0.20 ± 0.02
C0402C0G1C910J
C0G
16V
91
± 5%
0.20 ± 0.02
C0402C0G1C101G
C0G
16V
100
± 2%
0.20 ± 0.02
C0402C0G1C101J
C0G
16V
100
± 5%
0.20 ± 0.02
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402X7R1A101K
X7R
10V
100
± 10%
0.20 ± 0.02
C0402X7R1A151K
X7R
10V
150
± 10%
0.20 ± 0.02
C0402X7R1A221K
X7R
10V
220
± 10%
0.20 ± 0.02
C0402X7R1A331K
X7R
10V
330
± 10%
0.20 ± 0.02
C0402X7R1A471K
X7R
10V
470
± 10%
0.20 ± 0.02
C0402X7R1A681K
X7R
10V
680
± 10%
0.20 ± 0.02
C0402X5R1C101K
X5R
16V
100
± 10%
0.20 ± 0.02
C0402X5R1C151K
X5R
16V
150
± 10%
0.20 ± 0.02
C0402X5R1C221K
X5R
16V
220
± 10%
0.20 ± 0.02
C0402X5R1C331K
X5R
16V
330
± 10%
0.20 ± 0.02
C0402X5R1C471K
X5R
16V
470
± 10%
0.20 ± 0.02
C0402X5R1C681K
X5R
16V
680
± 10%
0.20 ± 0.02
C0402X5R1A101K
X5R
10V
100
± 10%
0.20 ± 0.02
C0402X5R1A221K
X5R
10V
220
± 10%
0.20 ± 0.02
C0402X5R1A471K
X5R
10V
470
± 10%
0.20 ± 0.02
C0402X5R1A102K
X5R
10V
1,000
± 10%
0.20 ± 0.02
C0402X5R1A152K
X5R
10V
1,500
± 10%
0.20 ± 0.02
C0402X5R1A222K
X5R
10V
2,200
± 10%
0.20 ± 0.02
C0402X5R0J681K
X5R
6.3V
680
± 10%
0.20 ± 0.02
C0402X5R0J102K
X5R
6.3V
1,000
± 10%
0.20 ± 0.02
C0402X5R0J152K
X5R
6.3V
1,500
± 10%
0.20 ± 0.02
C0402X5R0J222K
X5R
6.3V
2,200
± 10%
0.20 ± 0.02
C0402X5R0J332K
X5R
6.3V
3,300
± 10%
0.20 ± 0.02
C0402X5R0J472K
X5R
6.3V
4,700
± 10%
0.20 ± 0.02
C0402X5R0J682K
X5R
6.3V
6,800
± 10%
0.20 ± 0.02
C0402X5R0J103K
X5R
6.3V
10,000
± 10%
0.20 ± 0.02
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%), X5R (-55 to +85ºC, ±15%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com