Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 6 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 6 Page - TDK Electronics

Back Button C4532 Datasheet HTML 2Page - TDK Electronics C4532 Datasheet HTML 3Page - TDK Electronics C4532 Datasheet HTML 4Page - TDK Electronics C4532 Datasheet HTML 5Page - TDK Electronics C4532 Datasheet HTML 6Page - TDK Electronics C4532 Datasheet HTML 7Page - TDK Electronics C4532 Datasheet HTML 8Page - TDK Electronics C4532 Datasheet HTML 9Page - TDK Electronics C4532 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 8
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402C0G1C3R6C
C0G
16V
3.6
± 0.25pF
0.20 ± 0.02
C0402C0G1C3R9B
C0G
16V
3.9
± 0.10pF
0.20 ± 0.02
C0402C0G1C3R9C
C0G
16V
3.9
± 0.25pF
0.20 ± 0.02
C0402C0G1C040B
C0G
16V
4.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C040C
C0G
16V
4.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C4R3B
C0G
16V
4.3
± 0.10pF
0.20 ± 0.02
C0402C0G1C4R3C
C0G
16V
4.3
± 0.25pF
0.20 ± 0.02
C0402C0G1C4R7B
C0G
16V
4.7
± 0.10pF
0.20 ± 0.02
C0402C0G1C4R7C
C0G
16V
4.7
± 0.25pF
0.20 ± 0.02
C0402C0G1C050B
C0G
16V
5.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C050C
C0G
16V
5.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C5R1B
C0G
16V
5.1
± 0.10pF
0.20 ± 0.02
C0402C0G1C5R1C
C0G
16V
5.1
± 0.25pF
0.20 ± 0.02
C0402C0G1C5R1D
C0G
16V
5.1
± 0.50pF
0.20 ± 0.02
C0402C0G1C5R6B
C0G
16V
5.6
± 0.10pF
0.20 ± 0.02
C0402C0G1C5R6C
C0G
16V
5.6
± 0.25pF
0.20 ± 0.02
C0402C0G1C5R6D
C0G
16V
5.6
± 0.50pF
0.20 ± 0.02
C0402C0G1C060B
C0G
16V
6.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C060C
C0G
16V
6.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C060D
C0G
16V
6.0
± 0.50pF
0.20 ± 0.02
C0402C0G1C6R2B
C0G
16V
6.2
± 0.10pF
0.20 ± 0.02
C0402C0G1C6R2C
C0G
16V
6.2
± 0.25pF
0.20 ± 0.02
C0402C0G1C6R2D
C0G
16V
6.2
± 0.50pF
0.20 ± 0.02
C0402C0G1C6R8B
C0G
16V
6.8
± 0.10pF
0.20 ± 0.02
C0402C0G1C6R8C
C0G
16V
6.8
± 0.25pF
0.20 ± 0.02
C0402C0G1C6R8D
C0G
16V
6.8
± 0.50pF
0.20 ± 0.02
C0402C0G1C070B
C0G
16V
7.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C070C
C0G
16V
7.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C070D
C0G
16V
7.0
± 0.50pF
0.20 ± 0.02
C0402C0G1C7R5B
C0G
16V
7.5
± 0.10pF
0.20 ± 0.02
C0402C0G1C7R5C
C0G
16V
7.5
± 0.25pF
0.20 ± 0.02
C0402C0G1C7R5D
C0G
16V
7.5
± 0.50pF
0.20 ± 0.02
C0402C0G1C080B
C0G
16V
8.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C080C
C0G
16V
8.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C080D
C0G
16V
8.0
± 0.50pF
0.20 ± 0.02
C0402C0G1C8R2B
C0G
16V
8.2
± 0.10pF
0.20 ± 0.02
C0402C0G1C8R2C
C0G
16V
8.2
± 0.25pF
0.20 ± 0.02
C0402C0G1C8R2D
C0G
16V
8.2
± 0.50pF
0.20 ± 0.02
C0402C0G1C090B
C0G
16V
9.0
± 0.10pF
0.20 ± 0.02
C0402C0G1C090C
C0G
16V
9.0
± 0.25pF
0.20 ± 0.02
C0402C0G1C090D
C0G
16V
9.0
± 0.50pF
0.20 ± 0.02
C0402C0G1C9R1B
C0G
16V
9.1
± 0.10pF
0.20 ± 0.02
C0402C0G1C9R1C
C0G
16V
9.1
± 0.25pF
0.20 ± 0.02
C0402C0G1C9R1D
C0G
16V
9.1
± 0.50pF
0.20 ± 0.02
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0402 [EIA CC01005]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com