Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4532 Datasheet(PDF) 13 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 13 Page - TDK Electronics

Back Button C4532 Datasheet HTML 9Page - TDK Electronics C4532 Datasheet HTML 10Page - TDK Electronics C4532 Datasheet HTML 11Page - TDK Electronics C4532 Datasheet HTML 12Page - TDK Electronics C4532 Datasheet HTML 13Page - TDK Electronics C4532 Datasheet HTML 14Page - TDK Electronics C4532 Datasheet HTML 15Page - TDK Electronics C4532 Datasheet HTML 16Page - TDK Electronics C4532 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 15
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603C0G1E1R3C
C0G
25V
1.3
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R5B
C0G
25V
1.5
± 0.10pF
0.30 ± 0.03
C0603C0G1E1R5C
C0G
25V
1.5
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R6B
C0G
25V
1.6
± 0.10pF
0.30 ± 0.03
C0603C0G1E1R6C
C0G
25V
1.6
± 0.25pF
0.30 ± 0.03
C0603C0G1E1R8B
C0G
25V
1.8
± 0.10pF
0.30 ± 0.03
C0603C0G1E1R8C
C0G
25V
1.8
± 0.25pF
0.30 ± 0.03
C0603C0G1E020B
C0G
25V
2.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E020C
C0G
25V
2.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E2R2B
C0G
25V
2.2
± 0.10pF
0.30 ± 0.03
C0603C0G1E2R2C
C0G
25V
2.2
± 0.25pF
0.30 ± 0.03
C0603C0G1E2R4B
C0G
25V
2.4
± 0.10pF
0.30 ± 0.03
C0603C0G1E2R4C
C0G
25V
2.4
± 0.25pF
0.30 ± 0.03
C0603C0G1E2R7B
C0G
25V
2.7
± 0.10pF
0.30 ± 0.03
C0603C0G1E2R7C
C0G
25V
2.7
± 0.25pF
0.30 ± 0.03
C0603C0G1E030B
C0G
25V
3.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E030C
C0G
25V
3.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E3R3B
C0G
25V
3.3
± 0.10pF
0.30 ± 0.03
C0603C0G1E3R3C
C0G
25V
3.3
± 0.25pF
0.30 ± 0.03
C0603C0G1E3R6B
C0G
25V
3.6
± 0.10pF
0.30 ± 0.03
C0603C0G1E3R6C
C0G
25V
3.6
± 0.25pF
0.30 ± 0.03
C0603C0G1E3R9B
C0G
25V
3.9
± 0.10pF
0.30 ± 0.03
C0603C0G1E3R9C
C0G
25V
3.9
± 0.25pF
0.30 ± 0.03
C0603C0G1E040B
C0G
25V
4.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E040C
C0G
25V
4.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E4R3B
C0G
25V
4.3
± 0.10pF
0.30 ± 0.03
C0603C0G1E4R3C
C0G
25V
4.3
± 0.25pF
0.30 ± 0.03
C0603C0G1E4R7B
C0G
25V
4.7
± 0.10pF
0.30 ± 0.03
C0603C0G1E4R7C
C0G
25V
4.7
± 0.25pF
0.30 ± 0.03
C0603C0G1E050B
C0G
25V
5.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E050C
C0G
25V
5.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E5R1B
C0G
25V
5.1
± 0.10pF
0.30 ± 0.03
C0603C0G1E5R1C
C0G
25V
5.1
± 0.25pF
0.30 ± 0.03
C0603C0G1E5R1D
C0G
25V
5.1
± 0.50pF
0.30 ± 0.03
C0603C0G1E5R6B
C0G
25V
5.6
± 0.10pF
0.30 ± 0.03
C0603C0G1E5R6C
C0G
25V
5.6
± 0.25pF
0.30 ± 0.03
C0603C0G1E5R6D
C0G
25V
5.6
± 0.50pF
0.30 ± 0.03
C0603C0G1E060B
C0G
25V
6.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E060C
C0G
25V
6.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E060D
C0G
25V
6.0
± 0.50pF
0.30 ± 0.03
C0603C0G1E6R2B
C0G
25V
6.2
± 0.10pF
0.30 ± 0.03
C0603C0G1E6R2C
C0G
25V
6.2
± 0.25pF
0.30 ± 0.03
C0603C0G1E6R2D
C0G
25V
6.2
± 0.50pF
0.30 ± 0.03
C0603C0G1E6R8B
C0G
25V
6.8
± 0.10pF
0.30 ± 0.03
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0603 [EIA CC0201]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com