Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 4 Page - Texas Instruments

  LM3445M Datasheet HTML 1Page - Texas Instruments LM3445M Datasheet HTML 2Page - Texas Instruments LM3445M Datasheet HTML 3Page - Texas Instruments LM3445M Datasheet HTML 4Page - Texas Instruments LM3445M Datasheet HTML 5Page - Texas Instruments LM3445M Datasheet HTML 6Page - Texas Instruments LM3445M Datasheet HTML 7Page - Texas Instruments LM3445M Datasheet HTML 8Page - Texas Instruments LM3445M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating Temperature
Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = +25ºC, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INTERNAL PWM RAMP
fRAMP
Frequency
5.85
kHz
VRAMP
Valley voltage
0.96
1.00
1.04
V
Peak voltage
2.85
3.00
3.08
DRAMP
Maximum duty cycle
96.5
98.0
%
DIM DECODER
tANG_DET
Angle detect rising threshold
Observed on BLDR pin
6.79
7.21
7.81
V
VASNS
ASNS filter delay
4
µs
ASNS VMAX
3.85
4.00
4.15
V
IASNS
ASNS drive capability sink
VASNS = 2V
7.6
mA
ASNS drive capability source
VASNS = 2V
-4.3
DIM low sink current
VDIM = 1V
1.65
2.80
DIM High source current
VDIM = 4V
-4.00
-3.00
VDIM
DIM low voltage
PWM input voltage
0.9
1.33
V
threshold
DIM high voltage
2.33
3.15
VTSTH
Tri-state threshold voltage
Apply to FLTR1 pin
4.87
5.25
V
RDIM
DIM comparator tri-state impedance
10
M
Ω
CURRENT SENSE COMPARATOR
VFLTR2
FLTR2 open circuit voltage
720
750
780
mV
RFLTR2
FLTR2 impedance
420
k
Ω
VOS
Current sense comparator offset voltage
-4.0
0.1
4.0
mV
GATE DRIVE OUTPUT
VDRVH
GATE high saturation
IGATE = 50 mA
0.24
0.50
V
VDRVL
GATE low saturation
IGATE = 100 mA
0.22
0.50
IDRV
Peak souce current
GATE = VCC/2
-0.77
A
Peak sink current
GATE = VCC/2
0.88
tDV
Rise time
Cload = 1 nF
15
ns
Fall time
Cload = 1 nF
15
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
See (1)
165
°C
Thermal shutdown hysteresis
20
THERMAL SHUTDOWN
RθJA
VSSOP-10 junction to ambient
121
°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation
and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient
temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as
given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com