Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 17Page - Texas Instruments LM3445M Datasheet HTML 18Page - Texas Instruments LM3445M Datasheet HTML 19Page - Texas Instruments LM3445M Datasheet HTML 20Page - Texas Instruments LM3445M Datasheet HTML 21Page - Texas Instruments LM3445M Datasheet HTML 22Page - Texas Instruments LM3445M Datasheet HTML 23Page - Texas Instruments LM3445M Datasheet HTML 24Page - Texas Instruments LM3445M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
VBUCK(MAX) = VAC-RMS(MAX) x 2
VLED(MIN)
tON(MIN) =
VBUCK(MAX) fSW
1
K
1
u
VBUCK (V)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
3 LEDs
5 LEDs
7 LEDs
9 LEDs
Series
connected LEDs
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
The input voltage to the buck converter (VBUCK) changes with both line variations and over the course of each
half-cycle of the input line voltage. The voltage across the LED string will, however, remain constant, and
therefore the off-time remains constant.
The on-time, and therefore the switching frequency, will vary as the VBUCK voltage changes with line voltage. A
good design practice is to choose a desired nominal switching frequency knowing that the switching frequency
will decrease as the line voltage drops and increase as the line voltage increases (see Figure 26).
Figure 26. Graphical Illustration of Switching Frequency vs VBUCK
The off-time of the LM3445 can be programmed for switching frequencies ranging from 30 kHz to over 1 MHz. A
trade-off between efficiency and solution size must be considered when designing the LM3445 application.
The maximum switching frequency attainable is limited only by the minimum on-time requirement (200 ns).
Worst case scenario for minimum on time is when VBUCK is at its maximum voltage (AC high line) and the LED
string voltage (VLED) is at its minimum value.
(12)
The maximum voltage seen by the Buck Converter is:
(13)
INDUCTOR SELECTION
The controlled off-time architecture of the LM3445 regulates the average current through the inductor (L2), and
therefore the LED string current. The input voltage to the buck converter (VBUCK) changes with line variations and
over the course of each half-cycle of the input line voltage. The voltage across the LED string is relatively
constant, and therefore the current through R4 is constant. This current sets the off-time of the converter and
therefore the output volt-second product (VLED x off-time) remains constant. A constant volt-second product
makes it possible to keep the ripple through the inductor constant as the voltage at VBUCK varies.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com