Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 4Page - Texas Instruments LM3445M Datasheet HTML 5Page - Texas Instruments LM3445M Datasheet HTML 6Page - Texas Instruments LM3445M Datasheet HTML 7Page - Texas Instruments LM3445M Datasheet HTML 8Page - Texas Instruments LM3445M Datasheet HTML 9Page - Texas Instruments LM3445M Datasheet HTML 10Page - Texas Instruments LM3445M Datasheet HTML 11Page - Texas Instruments LM3445M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
DELAY
DELAY
(a)
(b)
(c)
?
?
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
An RC network consisting of R1, R2, and C1 delay the turn on of the triac until the voltage on C1 reaches the
trigger voltage of the diac. Increasing the resistance of the potentiometer (wiper moving downward) increases the
turn-on delay which decreases the on-time or "conduction angle" of the triac (
θ). This reduces the average power
delivered to the load. Voltage waveforms for a simple triac dimmer are shown in Figure 13. Figure 13a shows the
full sinusoid of the input voltage. Even when set to full brightness, few dimmers will provide 100% on-time, i.e.,
the full sinusoid.
Figure 13. Line Voltage and Dimming Waveforms
Figure 13b shows a theoretical waveform from a dimmer. The on-time is often referred to as the "conduction
angle" and may be stated in degrees or radians. The off-time represents the delay caused by the RC circuit
feeding the triac. The off-time be referred to as the "firing angle" and is simply 180° -
θ.
Figure 13c shows a waveform from a so-called reverse phase dimmer, sometimes referred to as an electronic
dimmer. These typically are more expensive, microcontroller based dimmers that use switching elements other
than triacs. Note that the conduction starts from the zero-crossing, and terminates some time later. This method
of control reduces the noise spike at the transition.
Since the LM3445 has been designed to assess the relative on-time and control the LED current accordingly,
most phase-control dimmers, both forward and reverse phase, may be used with success.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com