Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 12Page - Texas Instruments LM3445M Datasheet HTML 13Page - Texas Instruments LM3445M Datasheet HTML 14Page - Texas Instruments LM3445M Datasheet HTML 15Page - Texas Instruments LM3445M Datasheet HTML 16Page - Texas Instruments LM3445M Datasheet HTML 17Page - Texas Instruments LM3445M Datasheet HTML 18Page - Texas Instruments LM3445M Datasheet HTML 19Page - Texas Instruments LM3445M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
Figure 22. Inductor Current Waveform in CCM
During the off-period denoted by tOFF, the current through L2 continues to flow through the LEDs via D10.
MASTER/SLAVE OPERATION
Multiple LM3445s can be configured so that large strings of LEDs can be controlled by a single triac dimmer. By
doing so, smooth consistent dimming for multiple LED circuits is achieved.
When the FLTR1 pin is tied above 4.9V (typical), preferably to VCC, the ramp comparator is tri-stated, disabling
the dim decoder. This allows one or more LM3445 devices or PWM LED driver devices (slaves) to be controlled
by a single LM3445 (master) by connecting their DIM pins together.
MASTER/SLAVE CONFIGURATION
TI offers an LM3445 demonstration PCB for customer evaluation through our website. The following description
and theory uses reference designators that follow our evaluation PCB. The LM3445 Master/Slave schematics are
illustrated below (Figure 23 through Figure 25) for clarity. Each board contains a separate circuit for the Master
and Slave function. Both the Master and Slave boards will need to be modified from their original stand alone
function so that they can be coupled together. Only the Master LM3445 requires use of the Master/Slave circuit
for any number of slaves.
MASTER BOARD MODIFICATIONS
•
Remove R10 and replace with a BAS40 diode
•
Connect TP18 to TP14 (VCC)
•
Connect TP17 (gate of Q5) to TP15 (gate of Q2)
SLAVE BOARD(S) MODIFICATIONS
•
Remove R11 (disconnects BLDR)
•
Tie TP14 (FLTR1) to VCC
MASTER/SLAVE(S) INTERCONNECTION
•
Connect TP19 of Master to TP10 of Slave (Master VCC Control)
•
Connect TP6 (DIM pin) of Master to TP6 (DIM pin) of Slave (Master DIM Control)
MASTER/SLAVE THEORY OF OPERATION
By placing two series diodes on the Master VCC circuit one forces the master VCC UVLO to become the
dominant threshold. When Master VCC drops below UVLO, GATE stops switching and the RC timer (>200 µs)
rises above the TL431 threshold (2.5V) which in turn pulls down on the gate of the Slave pass device (Q1).
The valley-fill circuit could consist of one large circuit to power all LM3445 series connected, or each LM3445
circuit could have a separate valley-fill circuit located near the buck converter.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com