Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 3Page - Texas Instruments LM3445M Datasheet HTML 4Page - Texas Instruments LM3445M Datasheet HTML 5Page - Texas Instruments LM3445M Datasheet HTML 6Page - Texas Instruments LM3445M Datasheet HTML 7Page - Texas Instruments LM3445M Datasheet HTML 8Page - Texas Instruments LM3445M Datasheet HTML 9Page - Texas Instruments LM3445M Datasheet HTML 10Page - Texas Instruments LM3445M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
BRIGHT
DIM
MAINS AC
R1
250 kÖ
DIAC
LOAD
R2
3.3 kÖ
C1
100 nF
TRIAC
LM3445
7.2V
VCC UVLO
S
R
Q
PWM
I-LIM
1.27V
ISNS
ASNS
COFF
MOSFET
DRIVER
GND
FLTR1
FLTR2
DIM
VCC
ANGLE DETECT
BLEEDER
DIM DECODER
1.276V
4.9V
RAMP
0V to 4V
THERMAL
SHUTDOWN
50k
370k
1k
RAMP GEN.
5.9 kHz
3V
1V
INTERNAL
REGULATORS
750 mV
33:
125 ns
LEADING EDGE BLANKING
Tri-State
COFF
LATCH
CONTROLLER
START
4 Ps
BLDR
230
GATE
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
SIMPLIFIED INTERNAL BLOCK DIAGRAM
Figure 11. Simplified Block Diagram
APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
The LM3445 contains all the necessary circuitry to build a line-powered (mains powered) constant current LED
driver whose output current can be controlled with a conventional triac dimmer.
OVERVIEW OF PHASE CONTROL DIMMING
A basic "phase controlled" triac dimmer circuit is shown in Figure 12.
Figure 12. Basic Triac Dimmer
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com