Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 19Page - Texas Instruments LM3445M Datasheet HTML 20Page - Texas Instruments LM3445M Datasheet HTML 21Page - Texas Instruments LM3445M Datasheet HTML 22Page - Texas Instruments LM3445M Datasheet HTML 23Page - Texas Instruments LM3445M Datasheet HTML 24Page - Texas Instruments LM3445M Datasheet HTML 25Page - Texas Instruments LM3445M Datasheet HTML 26Page - Texas Instruments LM3445M Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
IL-PK(UNDIM) =
750 mV
R3
IAVE(UNDIM) = IL2-PK(UNDIM) - '
iL
2
IL2-PK = IAVE + '
iL
2
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
L2 =
fSW x 'i
VLED
VLED
VBUCK
1
K
1
u
VLED
tOFF =
VBUCK
fSW
1
K
1
u
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
(21)
Finally:
(22)
Refer to DESIGN EXAMPLE to better understand the design process.
SETTING THE LED CURRENT
The LM3445 constant off-time control loop regulates the peak inductor current (IL2). The average inductor current
equals the average LED current (IAVE). Therefore the average LED current is regulated by regulating the peak
inductor current.
Figure 28. Inductor Current Waveform in CCM
Knowing the desired average LED current, IAVE and the nominal inductor current ripple, ΔiL, the peak current for
an application running in continuous conduction mode (CCM) is defined as follows:
(23)
Or, the maximum, or "undimmed", LED current would then be,
(24)
This is important to calculate because this peak current multiplied by the sense resistor R3 will determine when
the internal comparator is tripped. The internal comparator turns the control MOSFET off once the peak sensed
voltage reaches 750 mV.
(25)
Current Limit: Under normal circumstances, the trip voltage on the PWM comparator would be less than or
equal to 750 mV, depending on the amount of dimming. However, if there is a short circuit or an excessive load
on the output, higher than normal switch currents will cause a voltage above 1.27V on the ISNS pin which will
trip the I-LIM comparator. The I-LIM comparator will reset the RS latch, turning off Q2. It will also inhibit the Start
Pulse Generator and the COFF comparator by holding the COFF pin low. A delay circuit will prevent the start of
another cycle for 180 µs.
VALLEY FILL CAPACITORS
Determining voltage rating and capacitance value of the valley-fill capacitors:
The maximum voltage seen by the valley-fill capacitors is:
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com