Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 25 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 21Page - Texas Instruments LM3445M Datasheet HTML 22Page - Texas Instruments LM3445M Datasheet HTML 23Page - Texas Instruments LM3445M Datasheet HTML 24Page - Texas Instruments LM3445M Datasheet HTML 25Page - Texas Instruments LM3445M Datasheet HTML 26Page - Texas Instruments LM3445M Datasheet HTML 27Page - Texas Instruments LM3445M Datasheet HTML 28Page - Texas Instruments LM3445M Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
VBUCK(MIN) =
2
90
2
x SIN(135
o)
= 45V
VBUCK(MIN) =
2
VAC-RMS(MIN)
#stages
x SIN(T)
VAC-RMS-PK 2 x SIN(T)
VAC-RMS-PK 2
VAC
t
135°
90°
45°
VPEAK
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
Figure 30. AC Line with Firing Angles
Figure 31 show three triac dimmed waveforms. One can easily see that the peak voltage (VPEAK) from 0° to 90°
will always be:
(27)
Once the triac is firing at an angle greater than 90° the peak voltage will lower and equal to:
(28)
The voltage at VBUCK with a valley fill stage of two will look similar to the waveforms of Figure 32.
The purpose of the valley fill circuit is to allow the buck converter to pull power directly off of the AC line when
the line voltage is greater than its peak voltage divided by two (two stage valley fill circuit). During this time, the
capacitors within the valley fill circuit (C7 and C8) are charged up to the peak of the AC line voltage. Once the
line drops below its peak divided by two, the two capacitors are placed in parallel and deliver power to the buck
converter. One can now see that if the peak of the AC line voltage is lowered due to variations in the line voltage,
or if the triac is firing at an angle above 90°, the DC offset (VDC) will lower. VDC is the lowest value that voltage
VBUCK will encounter.
(29)
Example:
Line voltage = 90VAC to 135VAC
Valley-Fill = two stage
(30)
Depending on what type and value of capacitors are used, some derating should be used for voltage droop when
the capacitors are delivering power to the buck converter. When the triac is firing at 135° the current through the
LED string will be small. Therefore the droop should be small at this point and a 5% voltage droop should be a
sufficient derating. With this derating, the lowest voltage the buck converter will see is about 42.5V in this
example.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com