Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 1 Page - Texas Instruments

  LM3445M Datasheet HTML 1Page - Texas Instruments LM3445M Datasheet HTML 2Page - Texas Instruments LM3445M Datasheet HTML 3Page - Texas Instruments LM3445M Datasheet HTML 4Page - Texas Instruments LM3445M Datasheet HTML 5Page - Texas Instruments LM3445M Datasheet HTML 6Page - Texas Instruments LM3445M Datasheet HTML 7Page - Texas Instruments LM3445M Datasheet HTML 8Page - Texas Instruments LM3445M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ICOLL
V+
BR1
VAC
TRIAC
DIMMER
+
+
1
2
3
4
5
6
7
8
9
10
-
VLED
GND
VCC
FLTR2
ASNS
FLTR1
ISNS
GATE
BLDR
COFF
DIM
LM3445MM
VLED-
D3
C7
C9
C10
D4
D8
D9
R2
D1
Q1
C5
R5
C12
D2
D10
Q2
L2
Q3
R3
R4
C11
C4
C3
R1
U1
VBUCK
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
Triac Dimmable Offline LED Driver
Check for Samples: LM3445
1
FEATURES
DESCRIPTION
The LM3445 is an adaptive constant off-time AC/DC
2
•
Triac Dim Decoder Circuit for LED Dimming
buck (step-down) constant current controller designed
•
Application Voltage Range 80VAC – 277VAC
to be compatible with triac dimmers. The LM3445
•
Capable of Controlling LED Currents Greater
provides a constant current for illuminating high
Than 1A
power LEDs and includes a triac dim decoder. The
dim decoder allows wide range LED dimming using
•
Adjustable Switching Frequency
standard triac dimmers. The high frequency capable
•
Low Quiescent Current
architecture allows the use of small external passive
•
Adaptive Programmable Off-Time Allows for
components. The LM3445 includes a bleeder circuit
Constant Ripple Current
to ensure proper triac operation by allowing current
flow while the line voltage is low to enable proper
•
Thermal Shutdown
firing of the triac. A passive PFC circuit ensures good
•
No 120Hz Flicker
power factor by drawing current directly from the line
•
Low Profile 10-Pin VSSOP Package or 14-Pin
for most of the cycle, and provides a constant positive
SOIC
voltage to the buck regulator. Additional features
include thermal shutdown, current limit and VCC
•
Patent Pending Drive Architecture
under-voltage lockout.
APPLICATIONS
•
Retro Fit Triac Dimming
•
Solid State Lighting
•
Industrial and Commercial Lighting
•
Residential Lighting
Typical LM3445 LED Driver Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3445M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445M NSC-LM3445M Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445M TI1-LM3445M Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
LM3445M/NOPB TI1-LM3445M/NOPB Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
LM3445M/NOPB TI2-LM3445M/NOPB Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
LM3445M/NOPB.A TI2-LM3445M/NOPB.A Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
More results

Similar Description - LM3445M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com