Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2612 Datasheet HTML 12Page - Monolithic Power Systems MP2612 Datasheet HTML 13Page - Monolithic Power Systems MP2612 Datasheet HTML 14Page - Monolithic Power Systems MP2612 Datasheet HTML 15Page - Monolithic Power Systems MP2612 Datasheet HTML 16Page - Monolithic Power Systems MP2612 Datasheet HTML 17Page - Monolithic Power Systems MP2612 Datasheet HTML 18Page - Monolithic Power Systems MP2612 Datasheet HTML 19Page - Monolithic Power Systems MP2612 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
18
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current
1. Standalone Switching Charger
The charge current of MP2612 is set by the
sense resistor RS1 (Figure1). The charge current
programmable formula is as following:


mΩ
RS1
200mV
A
I
CHG
(1)
2.
Switching
Charger
with
Power
Path
Management
When MP2612 is applied together with MP8110,
the charge current setting should be calibrated
(Figure2).
Figure 8 shows MP8110 sensing the system
current and feeding back to the MP2612.
Figure 8— System Current Sensing Circuit
The gain of MP8110 is set as:
RG1
RGS1
Gain
(2)
The voltage of OUT1 pin, VOUT1 can be calculated
from:
RG1
RGS1
RS2
I
Gain
RS2
I
V
SYS
SYS
OUT1
(3)
When the system current increased ΔISYS, to
satisfy the charge current decreased ΔISYS
accordingly, the relationship should be:
RG1
RS1
RGS1
RS2
ΔI
RS1
ΔV
ΔI
SYS
OUT1
BAT
(4)
BecauseΔISYS=ΔIBATT, we can get:
RG1
RGS1
RS2
RS1
(5)
RGS1/2 causes charge current sense error as it
changes the sense gain of A2, which can be
calculated from:



kΩ
RGS
kΩ
2
kΩ
12.3
G
A2
(6)
The charge current is set as:


mΩ
RS1
G
1230
A
I
A2
CHG
(7)
Then the influence of RGS1 to the charge current
is:



mΩ
RS1
10
Ω
RGS
2000
A
I
CHG
(8)
To decrease the power loss of the sensing circuit,
choose RS2 as small as possible, 20m is
recommended. Too small RG1 results in too big
current sense error of MP8110, 50Ω is at least.
Substitute these two values into equation (5),
then the calibrated charge current set formula in
power path application is got from equation (8):



mΩ
RS1
10
mΩ
RS1
2.5
2000
A
I
CHG
(9)
Following table is the calculated RS1 and RGS1
value for setting different charge current.
Table2—ICHG Set in Power Path Application
ICHG(A)
RGS(Ω)
RS1(mΩ)
2
280
110
1.5
402
160
1
665
260
0.8
909
360
0.5
2k
800
If choose different RS2 and RG1, re-calculated
from equation (5) and equation (8), then get the
different equation (9) and the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com