Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2612 Datasheet HTML 1Page - Monolithic Power Systems MP2612 Datasheet HTML 2Page - Monolithic Power Systems MP2612 Datasheet HTML 3Page - Monolithic Power Systems MP2612 Datasheet HTML 4Page - Monolithic Power Systems MP2612 Datasheet HTML 5Page - Monolithic Power Systems MP2612 Datasheet HTML 6Page - Monolithic Power Systems MP2612 Datasheet HTML 7Page - Monolithic Power Systems MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
2
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
L
RS1
VIN
VREF33
VREF25
CELLS
CHGOK
ACOK
NTC
EN
COMPV
COMPI
GND
TMR
BATT
CSP
BST
SW
OFF
ON
C2
22uF
C3
1uF
C4
2.2nF
C5
2.2nF
C6
0.1uF
C7
0.1uF
R1
R2
R3
10k
10k
R4 2.5k
R5 750
4.7uH
100m
D1
C1
4.7uF
RNTC
VIN
2-3 cells
battery
D2
9V to 24V
(9V min for 2-cell)
MP2612
RG1
RG2
VCC
SHDN
GND
NC
OUT2
OUT1
MP8110
RG2
RS2
20m
RG1
M2
C8
M3
22uF
VSYS
Figure 2—Switching Charger with Power Path Management
(1)
Notes:
1) ACOK should be pulled up to VIN in the power path management application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com