Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2612 Datasheet HTML 9Page - Monolithic Power Systems MP2612 Datasheet HTML 10Page - Monolithic Power Systems MP2612 Datasheet HTML 11Page - Monolithic Power Systems MP2612 Datasheet HTML 12Page - Monolithic Power Systems MP2612 Datasheet HTML 13Page - Monolithic Power Systems MP2612 Datasheet HTML 14Page - Monolithic Power Systems MP2612 Datasheet HTML 15Page - Monolithic Power Systems MP2612 Datasheet HTML 16Page - Monolithic Power Systems MP2612 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
13
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
0.1uF
C
30mins
T
TMR
TICKLE_TMR
The total charge time is:
0.1uF
C
3hours
T
TMR
TOTAL_TMR
Negative
Thermal
Coefficient
(NTC)
Thermistor
The MP2612 has a built-in NTC resistance
window comparator, which allows MP2612 to
sense the battery temperature via the thermistor
packed internally in the battery pack to ensure a
safe operating environment of the battery. A
resistor with appropriate value should be
connected from VREF33 to NTC pin and the
thermistor is connected from NTC pin to GND.
The voltage on NTC pin is determined by the
resistor divider whose divide ratio depends on
the battery temperature. When the voltage of pin
NTC falls out of NTC window range, MP2612 will
stop the charging. The charger will restart if the
temperature goes back into NTC window range.
Power Path Management
Using MP8110 together with MP2612 can
implement a switching charger circuit with power
path management function, which realizes the
current sharing of the charger and system load
(Figure 2). In another word, MP8110 senses the
system current and feeds back to MP2612 and
MP2612 reduces charge current according to the
increase of the system current.
However, after the charge current decrease to 0,
the system current can only be limited by the
adapter.
The system current is satisfied first and always. It
chooses the adapter as its power source when
the adapter plugs in, and the battery is the
backup power source when the adapter is
removed.
Figure 4 to 8 shows the charge profile, operation
waveform and flow chart, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com