Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems MP2612 Datasheet HTML 10Page - Monolithic Power Systems MP2612 Datasheet HTML 11Page - Monolithic Power Systems MP2612 Datasheet HTML 12Page - Monolithic Power Systems MP2612 Datasheet HTML 13Page - Monolithic Power Systems MP2612 Datasheet HTML 14Page - Monolithic Power Systems MP2612 Datasheet HTML 15Page - Monolithic Power Systems MP2612 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
12
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP2612 is a peak current mode controlled
switching charger for use with Li-Ion batteries.
Figure 3 shows the block diagram. At the
beginning of a cycle, M1 is off. The COMP
voltage is higher than the current sense result
from amplifier A1’s output and the PWM
comparator’s output is low. The rising edge of the
600 kHz CLK signal sets the RS Flip-Flop. Its
output turns on M1 thus connecting the SW pin
and inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier A1.
Ramp compensation is summed to the output of
A1 and compared to COMP by the PWM
comparator.
When the sum of A1’s output and the Slope
Compensation
signal
exceeds
the
COMP
voltage, the RS Flip-Flop is reset and M1 is
turned off. The external switching diode D2 then
conducts the inductor current.
If the sum of A1’s output and the Slope
Compensation signal does not exceed the COMP
voltage, then the falling edge of the CLK resets
the Flip-Flop.
The MP2612 have two internal linear regulators
power internal circuit, VREF33 and VREF25. The
output of 3.3V reference voltage can also power
external circuitry as long as the maximum current
(50mA) is not exceeded. A 1μF bypass capacitor
is required from VREF33 to GND to ensure
stability. The output of 2.5V reference voltage
can not carry any load.
In typical application, VREF25 should be float
and no capacitor is required. It can only connect
to a capacitor which is smaller than 100pF.
Charge Cycle (Mode change: Trickle CC
CV)
The battery current is sensed via RS1 (Figure 3)
and amplified by A2. The charge will start in
“trickle charging mode” (10% of the RSEN
programmed current ICC) until the battery voltage
reaches 2.8V/cell. If the charge stays in the
“trickle charging mode” till “timer out” condition is
triggered, the charge is terminated. Otherwise,
the output of A2 is then regulated to the level set
by RS1. The charger is operating at “constant
current charging mode.” The duty cycle of the
switcher is determined by the COMPI voltage
that is regulated by the amplifier GMI.
When the battery voltage reaches the “constant
voltage mode” threshold, the amplifier GMV will
regulate the COMP pin, and then the duty cycle.
The charger will then operate in “constant voltage
mode.”
Automatic Recharge
A programmable time delay after the battery
charging current drops below the termination
threshold, the charger will cease charging and
the CHGOK pin becomes an open drain. If for
some reason, the battery voltage is lowered to
4.0V/Cell, recharge will automatically kick in.
0.1uF
C
1min
Delay
n
Terminatio
TMR
Charger Status Indication
MP2612 has two open-drain status outputs:
CHGOK
and ACOK . The ACOK pin pulls low
when an input voltage is greater than battery
voltage 300mV and over the under voltage
lockout threshold. CHGOK is used to indicate the
status of the charge cycle. Table 1 describes the
status of the charge cycle based on the
CHGOK
and ACOK outputs.
Table 1―Charging Status Indication
ACOK
CHGOK
Charger status
low
low
In charging
low
high
End of charge,
high
high
Vin<UVLO, timer out,
thermal shutdown
EN
disable
Timer Operation
MP2612 uses internal timer to terminate the
charge if the timer times out. The timer duration
is programmed by an external capacitor at the
TMR pin.
The trickle mode charge time is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com