Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2612 Datasheet HTML 4Page - Monolithic Power Systems MP2612 Datasheet HTML 5Page - Monolithic Power Systems MP2612 Datasheet HTML 6Page - Monolithic Power Systems MP2612 Datasheet HTML 7Page - Monolithic Power Systems MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems MP2612 Datasheet HTML 10Page - Monolithic Power Systems MP2612 Datasheet HTML 11Page - Monolithic Power Systems MP2612 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
8
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=19V, C1=4.7μF, C2=22μF, L=4.7μH, RS1=100mΩ, Real Battery Load, TA=25ºC, unless
otherwise noted.
VIN
10V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
200mA/div.
VIN
10V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
2A/div.
VIN
10V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
2A/div.
VEN
5V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
2A/div.
VEN
5V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
2A/div.
VSW
10V/div.
IBATT
2A/div.
VIN
10V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
500mA/div.
VIN
10V/div.
VBATT
5V/div.
VSW
10V/div.
IBATT
1A/div.
Steady State Waveform
Trickle Charge
2 Cells, VBATT=5V
Steady State Waveform
CC Charge
2 Cells, VBATT=7.4V
Steady State Waveform
CV Charge
2 Cells, VBATT=8.4V
Power On Waveform
2 Cells, ICHG=2A,VBATT=8V
Power Off Waveform
2 Cells, ICHG=2A,VBATT=8V
EN On Waveform
2 Cells, ICHG=2A,VBATT=8V
EN Off Waveform
2 Cells, ICHG=2A,VBATT=8V
VNTC
2V/div.
VBATT
5V/div.
VTMR
500mV/div.
IBATT
2A/div.
VIN
10V/div.
VBATT
5V/div.
NTC Control,
VBATT=7.4V
Timer Out
2 Cells, VBATT=7.4V, CTMR=1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com