Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2612 Datasheet HTML 6Page - Monolithic Power Systems MP2612 Datasheet HTML 7Page - Monolithic Power Systems MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems MP2612 Datasheet HTML 10Page - Monolithic Power Systems MP2612 Datasheet HTML 11Page - Monolithic Power Systems MP2612 Datasheet HTML 12Page - Monolithic Power Systems MP2612 Datasheet HTML 13Page - Monolithic Power Systems MP2612 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
10
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NTC
Thermistor Input. Connect a resistor from this pin to the pin VREF33 and the Thermistor
from this pin to ground.
2
ACOK
Valid Input Supply Indicator. A logic LOW on this pin indicates the presence of a valid input
supply.
3
CHGOK
Charging Completion Indicator. A logic LOW indicates charging operation. The pin will
become an open drain once the charging is complete.
4
VREF33
Internal linear regulator 3.3V reference output. Bypass to GND with a 1μF ceramic
capacitor.
5
VREF25 Internal linear 2.5V reference circuit. PLEASE KEEP THIS PIN FLOATING.
6
EN
On/Off Control Input.
7
CELLS
Command Input for the number of Li-Ion Cells. Connect this pin to VREF33 for 3-cell
operation or ground the pin for 2-cell operation. DO NOT LEAVE THIS PIN FLOAT.
8
COMPV V-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
9
COMPI I-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
10
BATT
Positive Battery Terminal.
11
CSP
Battery Current Sense Positive Input. Connect a resistor RSEN between CSP and BATT. The
full charge current is:


mΩ
RS1
200mV
A
I
CHG
.
12
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the switching diode
(D2) to the input ground path to prevent switching current spikes from inducing voltage
noise into the part.
13
TMR
Set time constant. 0.1uA current charges and discharges the external cap.
14
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BS pins to form a floating supply across the power
switch driver.
15
SW
Switch Output.
16
IN
Supply Voltage. The MP2612 operates from a 9V to 24V unregulated input to charge 2~3
cell li-ion battery. Capacitor is needed to prevent large voltage spikes from appearing at the
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com