Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2612 Datasheet HTML 1Page - Monolithic Power Systems MP2612 Datasheet HTML 2Page - Monolithic Power Systems MP2612 Datasheet HTML 3Page - Monolithic Power Systems MP2612 Datasheet HTML 4Page - Monolithic Power Systems MP2612 Datasheet HTML 5Page - Monolithic Power Systems MP2612 Datasheet HTML 6Page - Monolithic Power Systems MP2612 Datasheet HTML 7Page - Monolithic Power Systems MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP2612 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2612 Rev. 1.0
www.MonolithicPower.com
3
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2612ER
4mm x 4mm QFN16
2612ER
-20
C to +85C
*For Tape & Reel, add suffix –Z (eg. MP2612ER–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP MP2612ER–LF–Z)
PACKAGE REFERENCE
TOP VIEW
PIN 1 ID
NTC
ACOK
CHGOK
VREF33
GND
CSP
BATT
COMPI
1
2
3
4
13
14
15
16
8
7
6
5
12
11
10
9
EXPOSED PAD
ON BACKSIDE
ABSOLUTE MAXIMUM RATINGS (2)
Supply Voltage VIN ....................................... 26V
VSW........................................-0.3V to VIN + 0.3V
VBST ...................................................... VSW + 6V
VCSP, VBATT, ...................................-0.3V to +18V
VACOK, VCHGOK, ..............................-0.3V to +26V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA=+25C)
(3)
............................................................. 2.7W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65
C to +150C
Recommended Operating Conditions
(4)
Supply Voltage VIN ..............................9V to 24V
Maximum Junction Temp. (TJ) ............. +125C
Thermal Resistance
(5)
θJA
θJC
4x4 QFN16 ............................. 46 ...... 10...
C/W
Notes:
2) Exceeding these ratings may damage the device.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com