Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2612 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2612
Description  2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2612 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2612 Datasheet HTML 1Page - Monolithic Power Systems MP2612 Datasheet HTML 2Page - Monolithic Power Systems MP2612 Datasheet HTML 3Page - Monolithic Power Systems MP2612 Datasheet HTML 4Page - Monolithic Power Systems MP2612 Datasheet HTML 5Page - Monolithic Power Systems MP2612 Datasheet HTML 6Page - Monolithic Power Systems MP2612 Datasheet HTML 7Page - Monolithic Power Systems MP2612 Datasheet HTML 8Page - Monolithic Power Systems MP2612 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2612
2A,24V Input, 600kHz
2-3 Cells Switching Li-Ion Battery Charger
MP2612 Rev. 1.0
www.MonolithicPower.com
1
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2612 is a monolithic switching charger
for 2-3 cells series Li-Ion cells battery with a
built-in internal power MOSFET. It achieves up
to 2A charge current with current mode control
for fast loop response and easy compensation.
The charge current can be programmed by
sensing the current through an accurate sense
resistor.
MP2612 regulates the charge current and
charge voltage using two control loops to
realize high accuracy CC charge and CV
charge.
Fault condition protection includes cycle- by-
cycle current limiting and thermal shutdown.
Other safety features include battery temperature
monitoring,
charge
status
indication
and
programmable timer to finish the charging cycle.
The MP2612 requires a minimum number of
readily available standard external components.
The MP2612 is available in 16-pin 4mm x 4mm
QFN package.
FEATURES
 Charges 2-3 Cells Series Li-Ion Battery
Packs
 Wide Operating Input Range
 Up to 2 A Programmable Charging Current
 ±0.75% VBATT Accuracy
 0.2Ω Internal Power MOSFET Switch
 Up to 90% Efficiency
 Fixed 600kHz Frequency
 Preconditioning for Fully Depleted Batteries
 Charging Operation Indicator
 Input Supply and Battery Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over Current Protection
 Battery Temperature Monitor and Protection
APPLICATIONS
 Distributed Power Systems
 Chargers for 2-Cell or 3-Cell Li-Ion Batteries
 Pre-Regulator for Linear Regulators
 Smart Phones
 Net-book
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Figure 1—Standalone Switching Charger


Similar Part No. - MP2612

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
MP26121DQ MPS-MP26121DQ Datasheet
775Kb / 11P
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP26123DR MPS-MP26123DR Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results

Similar Description - MP2612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
High Efficiency 2A Li-Ion Battery Charger
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
logo
uPI Group Inc.
UP8003 UPI-UP8003 Datasheet
381Kb / 15P
Multiple-Input Li-ion Battery Charger
logo
Monolithic Power System...
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com