Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3908 Datasheet HTML 1Page - Monolithic Power Systems MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
2
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
2
3
4
5
10
9
8
7
6
TOP VIEW
Part Number*
Package
Temperature
MP3908DK
MSOP10
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3908DK–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP3908DK–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
VCC ............................................. –0.3V to +10V
VCC Maximum Current ............................ 30mA
ISENSE ....................................... –0.3V to +28V
FB .............................................. –0.3V to +1.3V
COMP............................................ –0.3V to +3V
CSS, ENABLE ............................... –0.3V to +5V
Junction Temperature...............................125
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
VCC Current ................................. 1mA to 25mA
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
MSOP10 ................................ 150 ..... 65...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VCC = 10V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VCC Undervoltage Lockout
Internal Divider (IQ)
4.5
4.7
V
VCC On/Off Voltage Hysteresis
1
V
Shutdown Current
IS
EN/SS = 0V, VIN = 9V
50
µA
Quiescent Current (Operation)
IQ
Output not switching, VFB =
1V, VCC = 9V
270
320
µA
Main Gate Driver Impedance
(Sourcing)
VCC = 9V, VGATE = 5V
16
Ω
Main Gate Driver Impedance
(Sinking)
VCC = 9V, IGATE = 5mA
5.0
Ω
Synchronous Gate Driver
Impedance (Sourcing)
VCC = 9V, VSYNCGATE = 5V
16
Ω
Synchronous Gate Driver
Impedance (Sinking)
VCC = 9V, IGATE = 5mA
5.0
Ω
Delay after Synchronous Gate
RDELAY=100kΩ
50
ns
Error Amplifier Transconductance
VFB connected to VCOMP/RUN.
Force ±10µA to VCOMP/RUN.
0.26
0.38
0.46
mA/V
Maximum Comp Current
Sourcing and Sinking
40
µA
Error Amplifier Translator Gain
(4)
AET
0.28
0.32
0.36
V/V
Switching Frequency
fS
220
260
300
KHz
Thermal Shutdown
150
°C
Maximum Duty Cycle
76
81
86
%
Minimum On Time
tON
200
ns
ISENSE Limit
165
190
215
mV
FB Voltage
VFB
0.794
0.818
0.847
V
FB Bias Current
IFB
Current flowing out of part
50
nA
Note:
4) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com