Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3908 Datasheet HTML 1Page - Monolithic Power Systems MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
5
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. If we use 10kΩ for the low-
side resistor (R2) of the voltage divider, we can
determine the high-side resistor (R1) by the
equation:
REF
REF
OUT
V
)
V
V
(
2
R
1
R
−
×
=
Where VOUT is the output voltage.
For R2=10kΩ, VOUT=25V and VREF=0.8V, then
R1=301kΩ.
An external resistor tied from the RDELAY pin to
ground programs an internal time delay circuit
that sets a delay from the turn off of the
synchronous MOSFET drive pin output to the
turn on of the main MOSFET drive pin output.
This delay is adjustable to program the required
time interval required by the circuitry to turn off
the synchronous MOSFET from the time that
the Synchronous output drive signal goes low.
This path may include active devices as well as
an isolating transformer used to electrically
isolate the secondary side output. Efficiency
losses can be quite significant if an overlap
occurs between the main and synchronous
switching MOSFETs if the delay is not carefully
determined and accounted for. The RDELAY pin
has an internal resistance of approximately
50kOhms that should be added to any external
resistance used to approximate the delay
interval. Shorting the pin directly to ground will
result in approximately 30nSec delay as a result
of this internal resistance. A graph is provided
in the applications section of this data sheet to
illustrate the typical delay time generated
versus the resistor value selected
Selecting the Inductor and Current Sensing
Resistor
The inductor is required to transfer the energy
between the input source and the output
capacitors. A larger value inductor results in
less ripple current that results in lower peak
inductor current, and therefore reduces the
stress on the power MOSFET. However, the
larger value inductor has a larger physical size,
higher
series
resistance,
and/or
lower
saturation current.
A good rule of thumb is to allow the
peak-to-peak ripple current to be approximately
30-50% of the maximum input current. Make
sure that the peak inductor current is below
80% of the IC’s maximum current limit at the
operating duty cycle to prevent loss of
regulation. Make sure that the inductor does not
saturate under the worst-case load transient
and startup conditions. The required inductance
value can be calculated by :
I
f
V
)
V
-
(V
V
L
SW
OUT
IN(MIN)
OUT
)
MIN
(
IN
∆
×
×
×
=
η
×
×
=
)
MIN
(
IN
)
MAX
(
LOAD
OUT
)
MAX
(
IN
V
I
V
I
(
)
)
MAX
(
IN
I
%
50
%
30
I
−
=
∆
Where ILOAD (MAX) is the maximum load current,
∆I is the peak-to-peak inductor ripple current
and η is the efficiency. For a typical design,
boost converter efficiency can reach 85%~95%.
For VIN (MIN)=10V, VOUT=25V, ILOAD (MAX)=2A, the
ripple percentage being 30%,
η=95% and
fSW=330kHz, then L=10µH. In this case, use a
8.8µH inductor (i.e. Sumida CDRH127/LDNP-
100MC).
The switch current is usually used for the peak
current mode control. In order to avoid hitting
the current limit, the voltage across the sensing
resistor RSENSE should be less than 80% of the
worst case current limit voltage, 200mV.
)
PEAK
(
L
SENSE
I
2
.
0
8
.
0
R
×
=
Where IL (PEAK) is the peak value of the inductor
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com