Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems MP3908 Datasheet HTML 10Page - Monolithic Power Systems MP3908 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
7
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
the large ripple current. The RMS current is
given by:
()
2
LOAD
OUT
IN
)
MAX
(
IN
LOAD
2
)
MAX
(
IN
)
RMS
(
RIPPLE
I
V
V
I
I
2
I
I
+
×
×
×
−
≈
INMAX
2
NMAX
I
)
RMS
(
RIPPLE
I
5
.
0
I
)
D
1
(
D
I
×
<
×
−
≈
For
IIN(MAX)=5.3A,
ILOAD=2A,
VIN=12V
and
VOUT=25V, IRIPPLE(RMS)=2.64A. Make sure that
the output capacitor can handle such an RMS
current.
In addition, a smaller high quality ceramic
0.1µF~1uF capacitor needs to be placed at the
output to absorb the high frequency noise
during the commutation between the power
MOSFET and the output diode. Basically, the
high frequency noise is caused by the parasitic
inductance of the trace and the parasitic
capacitors of devices. The ceramic capacitor
should be placed as close as possible to the
power MOSFET and output diode in order to
minimize the parasitic inductance and maximize
the absorption.
Selecting the Power MOSFET
The MP3908 is capable of driving a wide variety
of N-Channel power MOSFETS. The critical
parameters of selection of a MOSFET are:
1. Maximum drain to source voltage, VDS(MAX)
2. Maximum current, ID(MAX)
3. On-resistance, RDS(ON)
4. Gate source charge QGS and gate drain
charge QGD
5. Total gate charge, QG
Ideally, the off-state voltage across the
MOSFET is equal to the output voltage.
Considering the voltage spike when it turns off,
VDS(MAX) should be greater than 1.5 times of the
output voltage.
The maximum current through the power
MOSFET happens when the input voltage is
minimum and the output power is maximum.
The maximum RMS current through the
MOSFET is given by
MAX
IN(MAX)
)
MAX
(
RMS
D
I
I
×
=
Where:
OUT
)
MIN
(
IN
OUT
MAX
V
V
V
D
−
≈
The current rating of the MOSFET should be
greater than 1.5 times IRMS,
The on resistance of the MOSFET determines
the conduction loss, which is given by:
k
R
I
P
(on)
DS
2
RMS
cond
×
×
=
Where k is the temperature coefficient of the
MOSFET. If the RDS(ON) of the MOSFET is used
as the current sensing resistor, make sure the
voltage drop across the device does not exceed
the current limit value of 190mV.
The switching loss is related to QGD and QGS1
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the chart of VGS vs.
QG of the MOSFET datasheet. QGD is the
charge during the plateau voltage. These two
parameters are needed to estimate the turn on
and turn off loss.
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
×
×
×
−
×
+
×
×
×
−
×
=
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, VDS
is the drain-source voltage. Please note that the
switching loss is the most difficult part in the
loss estimation. The formula above provides a
simple physical expression. If more accurate
estimation is required, the expressions will be
much more complex.
For extended knowledge of the power loss
estimation, readers should refer to the book
“Power MOSFET Theory and Applications”
written by Duncan A. Grant and John Gowar.
The total gate charge, QG, is used to calculate
the gate drive loss. The expression is
SW
DR
G
DR
f
V
Q
P
×
×
=
where VDR is the drive voltage.
For the application in page 1, a FDS6630 or
equivalent MOSFET is chosen. Read from the
datasheet: RDS(ON)=28mΩ, k = 0.5, QGD=0.9nC,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com