Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3908 Datasheet HTML 1Page - Monolithic Power Systems MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev. 0.9
www.MonolithicPower.com
4
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
OPERATION
Enable
Vref = 0.8V
1.2V
IMAX
Clamp
Slope
Compensation
COMP
SGND
FB
CSS
ENABLE
EA Translator
Optional Filter
EA
Oscillator
Delay
Internal
Bias
RDELAY
9.9V
--
--
+
+
VOUT
Rsense
Driver
PGND
Rdson
sensing
MAIN
RDLY
ISENSE
SYNC
Gates
Off
Turn
Off
ITRP
--
+
S
R
Q
Q
S
R
Q
VIN
VCC
VCC
Figure 1—Functional Block Diagram
The MP3908 uses a constant frequency, peak
current mode architecture to regulate the
feedback voltage. The operation of the MP3908
can be understood with the block diagram of
Figure 1.
At the beginning of each cycle the main
external N-Channel MOSFET is turned on,
forcing the current in the inductor to increase.
The current through the FET can either be
sensed through a sensing resistor or across the
external FET directly. This voltage is then
compared
to
a
voltage
related
to
the
COMP/RUN node voltage. The voltage at the
COMP/RUN pin is an amplified voltage of the
difference between the 0.8V reference and the
feedback node voltage.
When the voltage at the ISENSE node rises
above the voltage set by the COMP/RUN pin,
the external main FET is turned off and the
synchronous FET, if used, is turned on. The
inductor current then flows to the output
capacitor through the Schottky diode. The
inductor
current
is
controlled
by
the
COMP/RUN voltage, which itself is controlled
by the output voltage. The peak inductor current
is internally limited by the IMAX clamp voltage
that limits the voltage applied to the ITRP
comparator input.
Thus the output voltage controls the inductor
current to satisfy the load. This current mode
architecture improves transient response and
control loop stability over a voltage mode
architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com