Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3908 Datasheet HTML 1Page - Monolithic Power Systems MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP3908
Current Mode PWM Controller
with Synchronous Secondary Gate Drive
MP3908 Rev.0.9
www.MonolithicPower.com
1
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3908 is a flexible current-mode PWM
controller
optimized
for
power-supply
applications.
The MP3908 features resistor-
programmable dead-time control to optimize
efficiency for a broad number of different
configurations, and a synchronous secondary
gate drive. The MOSFET drivers are capable
of driving >10A MOSFETs. It has an operational
current of typically 270µA and can accommodate
off-line, Telecom and non-isolated applications.
Under-voltage
lockout,
soft-start,
slope
compensation and peak current limiting are all
included. In a boost application, with an output
voltage of less than 28V, the current sense pin
can connect directly to the drain of the external
switch. This eliminates the requirement for an
additional current sensing element and its
associated efficiency loss.
While designed for boost applications, the MP3908
can also be used for other topologies including
Forward, Flyback and Sepic. The 10V gate driver
compliance minimizes the power loss of the external
MOSFET while allowing the use of a wide variety of
standard
threshold
devices.
An
externally
programmable delay following the turn off of the
synchronous rectifier allows the incorporation of
secondary side synchronous rectifier
The MP3908 is available in space saving 10-pin
MSOP package.
FEATURES
• Programmable Dead-Time
• Synchronous Secondary Gate Drive
• Current Mode Control
• 10V MOSFET Gate Drivers
• Drives >10A MOSFETs
• Soft-Start
• Cycle-by-Cycle Current Limiting
• Slope Current Compensation
• Lossless Current Sense (VISENSE<28V)
• 50µA Shutdown Current
• 270uA typical Operating Current
• 250KHz Constant Frequency Operation
• Applicable to Boost, SEPIC, Flyback and
Forward Topologies
• Available in a 10-Pin MSOP Package
APPLICATIONS
• PoE PD Power Supplies
• TV CCFL Power Generation
• Telecom Isolated Power
• Brick Modules
• Off-line Controller
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3908
VCC
CSS
GND
EN
9
6
10
4
3
1
7
8
5
2
ISENSE
SYNC
MAIN
COMP
DELAY
ADJ
FB
T1
60
65
70
75
80
85
90
95
0123456
OUTPUT CURRENT (A)
Efficiency vs.
Output Current


Similar Part No. - MP3908

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3908DK MPS-MP3908DK Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
MP3908DK MPS-MP3908DK Datasheet
296Kb / 6P
High Efficiency Isolated Flyback Converter EV Board
MP3908DK MPS-MP3908DK Datasheet
209Kb / 6P
High Efficiency Isolated Active Clamp Forward EV Board
More results

Similar Description - MP3908

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com