Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems MP3908 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
6
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
For IL (PEAK)=5.3A, RSENSE=30mΩ.
In cases where the RDS(ON) of the power
MOSFET is used as the sensing resistor, be
sure that the RDS(ON) is lower than the value
calculated above, 30mΩ
Another factor to take into consideration is the
temperature coefficient of the MOSFET RDS(ON).
As the temperature increases, the RDS(ON) also
increases.. Device vendors will usually provide
an RDS(ON) vs. temperature curve and the
temperature
coefficient
in
the
datasheet.
Generally, the MOSFET on resistance will
double from 25
°C to 125°C.
Selecting the Input Capacitor
An input capacitor (C1) is required to supply the
AC ripple current to the inductor, while limiting
noise at the input source. A low ESR capacitor
is required to keep the noise to the IC at a
minimum. Ceramic capacitors are preferred, but
tantalum or low-ESR electrolytic capacitors may
also suffice.
The capacitance can be calculated as:
SW
IN(RIPPLE)
1
f
V
8
I
C
×
∆
×
∆
≈
Where ∆I is the peak-to-peak inductor ripple
current and ∆VIN(RIPPLE) is the input voltage
ripple. When using ceramic capacitors, take into
account the vendor specified voltage and
temperature coefficients for the particular
dielectric being used.
For example, 2.2uF capacitance is sufficient to
achieve less then 1% input voltage ripple.
Meanwhile, it requires an adequate ripple current
rating. Use a capacitor with RMS current rating
greater than the inductor ripple current (see
Selecting the Inductor to determine the inductor
ripple current).
In addition, a smaller high quality ceramic
0.1µF~1µF capacitor may be placed to absorb the
high frequency noise. If using this technique, it is
recommended that the larger capacitor be a
tantalum or electrolytic type.
Selecting the Output Capacitor
Typically, a boost converter has significant output
voltage ripple because the current through the
output diode is discontinuous. During the diode off
state, all of the load current is supplied by the output
capacitor.
Low ESR capacitors are preferred to keep the
output voltage ripple to a minimum. The
characteristics of the output capacitor also affect the
stability of the regulation control system. Ceramic,
tantalum or low ESR electrolytic capacitors are
recommended. In the case of ceramic capacitors,
the impedance of the capacitor at the switching
frequency is dominated by the capacitance, and so
the output voltage ripple is mostly independent of
the ESR. The output voltage ripple is estimated to
be:
SW
LOAD
OUT
IN
RIPPLE
f
2
C
I
V
V
-
1
V
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
≈
Where VRIPPLE is the output ripple voltage, VIN
and VOUT are the DC input and output voltages
respectively, ILOAD is the load current, fSW is the
switching frequency and C2 is the output
capacitor.
In the case of tantalum or low-ESR electrolytic
capacitors, the ESR dominates the impedance
at the switching frequency. Therefore, the
output ripple is calculated as:
IN
OUT
ESR
LOAD
)
pk
_
pk
(
RIPPLE
V
V
R
I
V
×
×
≈
where RESR is the equivalent series resistance
of the output capacitors.
For the application shown in page 1, use
ceramic
capacitor
as
an
example.
For
VIN(MIN)=10V, VOUT=25V,
ILOAD(MAX)=2A, and
VRIPPLE=1%
of
the
output
voltage,
the
capacitance C2=14.5µF. Please note that the
ceramic
capacitance
could
dramatically
decrease as the voltage across the capacitor
increases. As a result, larger capacitance is
recommended. In this example, place four
4.7µF ceramic capacitors in parallel. The
voltage rating is also chosen as 50V.
In the meantime, the RMS current rating of the
output capacitor needs to be sufficient to handle



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com