Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems MP3908 Datasheet HTML 10Page - Monolithic Power Systems MP3908 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
8
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
QGS1=1nC, VTH=1.7V, VPLT=3V and QG=5nC @
10V. The MP3908 has its gate driving resistance of
around 20Ω at VDR=10V and VGATE = 5V.
Based on the loss calculation above, the
conduction loss is around 0.629W. The
switching loss is around 0.171W, and the gate
drive loss is 0.015W.
Selecting the Output Diode
The output rectifier diode supplies current to the
inductor when the MOSFET is off. To reduce
losses due to diode forward voltage and
recovery time, use a Schottky diode. The diode
should be rated for a reverse voltage greater
than the output voltage used. Considering the
voltage spike during the commutation period,
the voltage rating of the diode should be set as
1.5 times the output voltage. For high output
voltages (150V or above), a Schottky diode
might not be practical. A high-speed ultra-fast
recovery silicon rectifier is recommended.
Observation of the boost converter circuit
shows that the average current through the
diode is the average load current, and the peak
current through the diode is the peak current
through the inductor. The average current rating
must be greater than 1.5 times of the maximum
load current, and the peak current rating must
be greater than the peak inductor current.
For the application in page 1, a Vishay SS16
Schottky diode or equivalent part is chosen.
Boost Converter: Compensation Design
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are fP1, which is set by the output
capacitor (C2) and load resistance and fP2,
which starts from origin. The zero (fZ1) is set by
the compensation capacitor (C3) and the
compensation resistor (R3). These parameters
are determined by the equations:
LOAD
1
P
R
C2
1
f
×
×
π
=
3
R
C3
2
1
f 1
Z
×
×
π
×
=
Where RLOAD is the load resistance.
The DC mid-band loop gain is:
SENSE
2
OUT
ET
REF
LOAD
IN
EA
VDC
R
V
A
3
R
V
R
V
G
5
.
0
A
×
×
×
×
×
×
×
=
where VREF is the voltage reference, 0.8V. AET is
the gain of error amplifier translator and GEA is
the error amplifier transconductance.
The ESR zero in this example locates at very
high frequency. Therefore, it is not taken into
design consideration.
There is also a right-half-plane zero (fRHPZ) that
exists in continuous conduction mode (inductor
current does not drop to zero on each cycle)
step-up converters. The frequency of the right
half plane zero is:
2
2
OUT
LOAD
IN
RHPZ
V
L
2
R
V
f
×
×
π
×
×
=
The right-half-plane zero increases the gain and
reduces the phase simultaneously, which
results in smaller phase margin and gain
margin. The worst case happens at the
condition of minimum input voltage and
maximum output power.
In order to achieve system stability, fz1 is placed
close to fP1 to cancel the pole. R3 is adjusted to
change the voltage gain. Make sure the
bandwidth is about 1/10 of the lower one of the
ESR zero and the right-half-plane zero.
R3
C3
2
1
R
C2
1
LOAD
×
×
π
×
=
×
×
π
ET
IN
REF
EA
SENSE
c
OUT
A
V
V
G
R
f
2
C
2
V
3
R
2
×
×
×
×
×
×
π
×
×
=
Based on these equations, R3 and C3 can be
solved.
For the application in page 1, fp1 = 1.35KHz,
ESR zero is much higher than the switching
frequency and fRHPZ=45.8KHz. Set fz1 to
3.18KHz and make the crossover frequency
8.5kHz, then R3=5kΩ and C3=10nF. Choose
5kΩ and 10nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com