Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3908 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3908 Datasheet HTML 1Page - Monolithic Power Systems MP3908 Datasheet HTML 2Page - Monolithic Power Systems MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
3
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 10V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
ISENSE Bias Current
ISENSE
Current flowing out of part
50
nA
Enable On Threshold
VEN
High-to-Low
1.15
1.25
1.35
V
Enable Hysteresis
VEN
50
mV
Soft Start Current
ISS
4
µA
PIN FUNCTIONS
Pin #
Name
Description
1
CSS
Capacitor Soft Start. A charging current of 5µA is enabled when the ENABLE pin is
taken above 1.2V. The rise time of the capacitor allows output current soft start. Full
output current is allowed when the voltage is above 2.7V.
2
ENABLE
This pin serves two functions. Below 0.6V, the part is in sleep mood, drawing 10µA
(typ). The second threshold of 1.2V can be used as a precise under-voltage lock out
(UVLO) and enables full operation..
3
COMP
Compensation.
4
FB
Feedback forces this pin voltage to the 0.8V internal reference potential. Do not allow
this pin to rise above 1.2V in the application.
5
RDELAY
External resistor determines delay between the Synchronous Gate Drive pin going low
to the Main Gate drive going high.
6
ISENSE
Current Sense. Do not connect this pin directly to the drain of the external MOSFET if
the voltage swing exceeds 27V in the particular application. During normal operation,
this pin will sense the voltage across the external MOSFET or sense resistor if one is
used, limiting the peak inductor current on a cycle-by-cycle basis.
7
GND
Ground.
8
VCC
Input Supply. Decouple this pin as close as possible to the GND pin.
9
MAIN GATE This pin drives the external MAIN MOSFET device.
10
SYNC GATE
This pin drives the external SYNCHRONOUS MOSFET device. The Sync Gate is
disabled at the end of switching period if Main Gate is not turned on the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com