Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4034GS Datasheet HTML 1Page - Monolithic Power Systems MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
2
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4034GS
SOIC8-7A
MP4034
* For Tape & Reel, add suffix –Z (e.g. MP4034GS–Z);
PACKAGE REFERENCE
TOP VIEW
8
6
5
4
3
2
1
SOIC8-7A
ABSOLUTE MAXIMUM RATINGS
(1)
Drain to GND ................................-0.7V to 700V
VCC to GND ...................................-0.3V to 30V
FB Input ..........................................-0.7V to 10V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8-7A…………………………………...1.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -60°C to +150°C
ESD Capability Human Body Mode .......... 2.0kV
ESD Capability Machine Mode .................. 200V
Recommended Operating Conditions
(3)
Operating VCC range ......................6.6V to 28V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8-7A .............................. 76 ...... 45... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com