Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
10
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Figure 2: Simplified Flyback Converter
Startup
Initially, the IC is self-supplying through the
internal high-voltage current source, which is
drawn from the Drain pin. The internal high-
voltage current source will turn off for better
efficiency when VCC reaches the VCC ON
threshold. Then the transformer’s auxiliary
winding takes over as the power source. When
VCC falls below the VCC OFF threshold, the IC
stops switching and the internal high-voltage
current source turns on again. See Figure 3 for
the start-up waveform.
Figure 3: VCC UVLO
Transformer Design
Figure 4: Isolated Flyback LED Driver
The MP4034 ensures that the circuit operates
in discontinues conduction mode (DCM). When
the IC internal MOSFET turns on, the current (iP)
flowing
through
transformer’s
primary-side
winding (NP) increases linearly until it reaches
its peak current limit (IPK)
0
Figure 5: Current Waveform
Assume switching frequency is fs, the power
stored in the inductor is given by:
2
MPK
S
1
PL
I
f
2
=
××
Then inductance of coupling inductor is then:
O
M
2
PK
S
2P
L
If
×
=
×× η
Where PO is output power and η is the
estimated efficiency.
When MP4034’s internal switch turns off, the
freewheeling current (iS) will flow through
secondary-side diode and decrease linearly, as
shown in Figure 5.
17.3 V
6.3V
Vcc
Drain
Switching Pulses
Regulation Occurs Here
Auxiliary Winding Takes Charge
High voltage
current source
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com