Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4034GS Datasheet HTML 1Page - Monolithic Power Systems MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
3
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 15V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Voltage Management (VCC Pin)
VCC ON threshold
VCCH
16.8
17.3
17.8
V
VCC OFF threshold
VCCL
6
6.3
6.6
V
VCC operating voltage
6.6
28
V
Quiescent current
IQ
At no load condition, VCC=20V
360
410
μA
Operating current
IOP
60kHz, VCC=20V
500
μA
Leakage current from VCC Pin
ILeak_VCC VCC=0V 16V, Drain float
0.1
1
µA
Internal MOSFET (Drain Pin)
Break down voltage
VBRDSS VCC=20V, VFB=7V
700
V
Supply Current from Drain Pin
ICharge VCC=4V, VDrain=100V
450
550
750
µA
Leakage current from Drain Pin
ILeak_Drain VDS=500VDC
1
10
µA
On-state resistance
RON
ID=10mA, TJ=20 degree
10
13
Ω
Internal Current Sense
Current Limit
ILimit
VFB=-0.5V
365
380
395
mA
Leading-edge blanking
tLEB
230
300
370
ns
Feedback input (FB Pin)
FB pin input current
IFB
VFB=4V
0.2
0.5
μA
DCM detect threshold
VDCM
80
120
160
mV
FB open-circuit threshold
VFBOPEN
-0.22
-0.15
-0.08
V
First-level FB OVP threshold
VFBOVP1
3.93
4
4.07
V
Second-level FB OVP threshold VFBOVP2
6.2
6.35
6.5
V
OVP sampling delay
tOVP
3.5
µs
Thermal Shutdown
Thermal shutdown threshold
150
°C
Thermal shutdown recovery
threshold
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com