Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4034GS Datasheet HTML 1Page - Monolithic Power Systems MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4034
Offline LED Driver
MP4034 Rev. 1.02
www.MonolithicPower.com
1
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4034 is an offline regulator that
provides accurate constant-current regulation.
The LED driver circuit design is simplified by
removing the opto-coupler and the secondary
feedback components.
The MP4034 has an integrated 700V MOSFET.
Its variable off-time control allows a flyback
converter
to
operate
in
discontinuous
conduction mode (DCM). The MP4034 also
features complete protection functions such as
VCC
under-voltage
lockout,
over-voltage
protection, over-temperature protection, and
open-loop protection.
The MP4034's variable switching frequency
provides natural spectrum shaping to smooth
the EMI signature, which can reduce the EMI
filter’s size and cost.
FEATURES
• Primary-Side–Control without Opto-coupler
or Secondary Feedback Circuit
• Precise Constant Current Regulation
• Integrated 700V MOSFET with Minimal
External Components
• Variable Off-Time and Peak-Current Control
• 550µA High-Voltage Current Source
• Up to 7W Output Power
• Over-Voltage Protection
• Over-Temperature Protection
• Open-Loop Protection
• Natural Spectrum Shaping for Improved
EMI Signature
• Low Cost and Simple External circuit
• SOIC8-7A Package
APPLICATIONS
• Offline LED Driver
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
L
N


Similar Part No. - MP4034GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4034GS MPS-MP4034GS Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
MP4034GS MPS-MP4034GS Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
MP4034GS MPS-MP4034GS Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
MP4034GS MPS-MP4034GS Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
More results

Similar Description - MP4034GS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
AC-DC Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
AC-DC Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
AC-DC Offline LED Driver
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com