Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 10Page - Monolithic Power Systems MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems MP4034GS Datasheet HTML 15Page - Monolithic Power Systems MP4034GS Datasheet HTML 16Page - Monolithic Power Systems MP4034GS Datasheet HTML 17Page - Monolithic Power Systems MP4034GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
14
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Select RSN and CSN for an acceptable voltage
spike and better system operation.
The power dissipated in the snubber circuit is
approximately:
2
SN
SN
K
PK
S
SN
PS
O
V
1
PL I
f
2V
N
V
=⋅
⋅
⋅
×
−×
Where:
• LK is the leakage inductance,
• VSN is the clamp voltage,
• NPS is the turn ratio of primary and secondary
side.
The power consumed in the snubber resistor
(RSN), the resistor (RSN) is:
2
SN
SN
SN
V
R
P
=
The maximum ripple of the snubber capacitor
voltage is:
SN
SN
SN
SN
S
V
V
CR
f
Δ=
⋅⋅
Generally, a 15% ripple is reasonable. Use the
previous equation to approximate CSN.
The damping resistor (R) in series with the RCD
has a relatively large value to prevent any
excessive ringing voltage that can affect the EMI.
Use a damping resistor of about 200Ω to 500Ω to
limit the drain voltage ringing.
Resistor Divider
For better application performance, use a resistor
divider with values in the range of 10kΩ to 100kΩ
to limit noise from adjacent components on the
FB pin. Connect a resistor with a value ranging
from 1kΩ to 2kΩ from the FB pin to the resistor
divider to limit substrate injection current effects,
as shown in Figure 12.
Figure 12: FB Pin in Series with ON Resistor
Dummy Load
A dummy load is required in open-output
applications for good over-voltage protection.
Use a dummy load of ~10mW for good load
regulation.
Maximum Switching Frequency
Because of the parameter tolerance of the
sampling
detecting
time
and
inductance
tolerances,
select
a
secondary-side-diode
conduction time that exceeds 5.4µs as follows.
SM
S _ ON
PK
PO
D
NL
TI
5.4 s
N(V
V )
⋅
=
⋅>
μ
⋅+
For high or low temperature operation, select a
maximum switching frequency below 75kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com