Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
6
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 230VAC, VOUT = 40V, IOUT=0.13A, L = 1.2mH, TA = 25°C, unless otherwise noted.
IOUT
50mA/div.
IOUT
50mA/div.
IOUT
100mA/div.
IOUT
100mA/div.
VDS
100V/div.
VDS
100V/div.
VCC
10V/div.
VDS
100V/div.
VCC
10V/div.
VDS
100V/div.
IOUT
50mA/div.
VCC
10V/div.
VDS
100V/div.
IOUT
50mA/div.
VCC
10V/div.
VDS
100V/div.
IOUT
50mA/div.
IOUT
50mA/div.
VCC
10V/div.
VDS
100V/div.
IOUT
50mA/div.
VCC
10V/div.
VDS
100V/div.
Input Power Startup
Input Power Shut Down
OCkP Entry
OCkP Recovery
OVP Entry
OVP Recovery
SCP Entry
SCP Recovery
Output Current Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com