Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems MP4034GS Datasheet HTML 15Page - Monolithic Power Systems MP4034GS Datasheet HTML 16Page - Monolithic Power Systems MP4034GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
13
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Input Filter
Input filter produces a DC source through the
rectifier from the AC input power Figure 9 shows
the input filter and Figure 10 shows the typical
DC bus voltage waveform.
Figure 9: Input Filter
Figure 10: DC Input-Voltage Waveform
Bulk capacitors C1 and C2 filter the rectified AC.
Inductor L forms a π filter with C1 and C2 to
restrain the differential-mode EMI noise. The
resistor (R) in parallel with the inductor (L)
restrains the mid-frequency-band EMI noise.
Normally, R is selected between 1kΩ and 10kΩ.
The DC input capacitors, C1 and C2, are usually
2µF/W to 3µF/W for the universal input condition.
For a 230VAC single-range application, the
capacitor can be half that value. Normally, the
minimum DC voltage should not be too low to
ensure the converter can supply the maximum
power to the load which can be express as
follows:
S
P
DC(min)
F
D
SS
D
N
V(N V
V )
N1 D
≥⋅
+
If the VDC(min) can not satisfy this express,
increase the value of the input capacitors to
increase the VDC(min).
Output Diode
Use a Schottky diode because of its fast
switching speed and low forward voltage drop for
better efficiency.
If a lower average efficiency (3%-4%) is
acceptable, replace the output diode with a PN-
junction diode or other non-Schottky diode to
lower costs.
Leakage Inductance
The
transformer
leakage
inductance
will
decrease the system efficiency and affect the
output
current
constant
precision.
The
transformer structure should be optimized to
improve the primary side and secondary side
coupling and minimize the transformer leakage
inductance of transformer. Aim for a leakage
inductance that is less than 5% inductance.
RCD Snubber
The transformer leakage inductance causes the
MOSFET drain voltage spike and the excessive
ringing on the drain voltage waveform.
The RCD snubber circuit can limit this Drain
voltage spike. Figure 11 shows the RCD snubber
circuit.
Figure 11: RCD Snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com